Electronic Components Datasheet Search
  English  ▼

X  

8122821 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8122821
Description  Media separated solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8122821 Datasheet(HTML) 1 Page - Festo Corporation.

  8122821 Datasheet HTML 1Page - Festo Corporation. 8122821 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Media separated solenoid valve
VYKB-F10-M32-16-PF-5HPS
Part number: 8122821
Data sheet
Feature
Value
Structural design
Electrical connection at top
Rocker valve with diaphragm seal
Sealing principle
Soft
Materials in contact with the media
FFPM
PEEK
Valve function
3/2, open/closed, monostable
Nominal width
1.6 mm
Flow direction
Non-reversible
Actuation type
Electrical
Type of control
Direct
Reset method
Mechanical spring
Manual override
None
Mounting position
Any
Type of mounting
With through-hole for M2 screw
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, connection technology
Port pattern HP
Size
10
Fluid connector
Flange
Medium
Liquid media
Liquid media
Gaseous media
Information on medium
Observe resistance of materials that come into contact with media
Maximum particle size 5 µm
Internal volume
35 µl
Temperature of medium
0 °C ... 50 °C
Temperature of liquid media
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Storage temperature
-20 °C ... 70 °C
Medium pressure
-0.075 MPa ... 0.1 MPa
Medium pressure
-10.9 psi ... 14.5 psi
Overload pressure
3 bar
DC operating voltage range
12 V
Permissible voltage fluctuations
-5 % / +10 %
Coil characteristics
12 V DC: low-current phase 1 W, high-current phase 3.7 W
Duty cycle
100%
Max. switching frequency
2 Hz
On switching time
≤20 ms
1/21/22 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8122821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8122820 FESTO-8122820 Datasheet
89Kb / 2P
Media separated solenoid valve
1/21/22
8122822 FESTO-8122822 Datasheet
89Kb / 2P
Media separated solenoid valve
1/21/22
8122823 FESTO-8122823 Datasheet
89Kb / 2P
Media separated solenoid valve
1/21/22
8122824 FESTO-8122824 Datasheet
89Kb / 2P
Media separated solenoid valve
1/21/22
8122825 FESTO-8122825 Datasheet
100Kb / 1P
Sub-base
More results

Similar Description - 8122821

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8122807 FESTO-8122807 Datasheet
96Kb / 2P
Media separated solenoid valve
1/21/22
8122813 FESTO-8122813 Datasheet
87Kb / 2P
Media separated solenoid valve
1/21/22
8122817 FESTO-8122817 Datasheet
86Kb / 2P
Media separated solenoid valve
1/21/22
8122818 FESTO-8122818 Datasheet
86Kb / 2P
Media separated solenoid valve
1/21/22
8122820 FESTO-8122820 Datasheet
89Kb / 2P
Media separated solenoid valve
1/21/22
8122824 FESTO-8122824 Datasheet
89Kb / 2P
Media separated solenoid valve
1/21/22
8140317 FESTO-8140317 Datasheet
88Kb / 2P
Media separated solenoid valve
1/21/22
8170084 FESTO-8170084 Datasheet
74Kb / 2P
Media separated solenoid valve
11/29/22
8170087 FESTO-8170087 Datasheet
74Kb / 2P
Media separated solenoid valve
11/29/22
8170090 FESTO-8170090 Datasheet
74Kb / 2P
Media separated solenoid valve
11/29/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com