Electronic Components Datasheet Search
  English  ▼

X  

XC2173 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2173
Description  ICs for use with Crystal Oscillators (PLL built-in)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2173 Datasheet HTML 1Page - Torex Semiconductor XC2173 Datasheet HTML 2Page - Torex Semiconductor XC2173 Datasheet HTML 3Page - Torex Semiconductor XC2173 Datasheet HTML 4Page - Torex Semiconductor XC2173 Datasheet HTML 5Page - Torex Semiconductor XC2173 Datasheet HTML 6Page - Torex Semiconductor XC2173 Datasheet HTML 7Page - Torex Semiconductor XC2173 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
XC2173 Series
1042
14
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Voltage
4.5
5.0
5.5
V
2.4
V
0.4
V
CMOS: VDD=4.5V, IOH=-16mA
3.9
4.2
V
CMOS: VDD=4.5V, IOL=16mA
0.3
0.4
V
Consumption Current 1
28
mA
Consumption Current 2
5mA
0.5
1.0
2.0
M
Ω
25
50
100
k
Ω
Cg
13
pF
Cd
13
pF
Internal Oscillation Feedback
Resistance
Rf
100
240
400
k
Ω
10
µA
/INH="L"
Internal Oscillation
Capacitance
(note 3)
(note 3)
/INH="L"
CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Operating Voltage
2.97
3.3
3.63
V
2.4
V
0.4
V
CMOS: VDD=2.97V, IOH=-8mA
2.47
V
CMOS: VDD=2.97V, IOL=8mA
0.4
V
Consumption Current 1
9mA
Consumption Current 2
1mA
1.0
2.0
4.0
M
Ω
35
70
140
k
Ω
Cg
13
pF
Cd
13
pF
Internal Oscillation Feedback
Resistance
Rf
0.3
1.0
2.0
M
Ω
10
µA
/INH="L"
Internal Oscillation
Capacitance
(note 3)
(note 3)
CONDITIONS
Ta=25℃
Ta=25℃
3.3V, f0 x 7 multiplier (note 1)
5.0V, f0 x 7 multiplier (note 2)
note 1 : The output frequency range is 70 MHz to 100MHz with a multiplier of f0 x 7 at 3.3V
note 2 : The output frequency range is 80 MHz to 160MHz with a multiplier of f0 x 7 at 5.0V
note 3 : measured value
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Ioz
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
/INH="OPEN", CL=15pF, f=140MHz
/INH="L", CL=15pF, f=140MHz
/INH=0.7VDD
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
Ioz
/INH="OPEN", CL=15pF, f=70MHz
/INH="L", CL=15pF, f=70MHz
/INH="L"
/INH=0.7VDD
14S_05XC2173 02.09.12 16:37 ページ 1042



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com