Electronic Components Datasheet Search
  English  ▼

X  

8152201 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8152201
Description  Proximity switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8152201 Datasheet(HTML) 1 Page - Festo Corporation.

  8152201 Datasheet HTML 1Page - Festo Corporation. 8152201 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proximity switch
SMT-10M-PS-24V-E-0,3-L-M12
Part number: 8152201
Data sheet
Feature
Value
Design
for round slot
Conforms to standard
EN 60947-5-2
Symbol
00991153
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
KC characters
KCs explosion protection
Special features
Oil-resistant
Note on materials
Free of copper and PTFE
RoHS-compliant
Halogen-free
Measured variable
Position
Measuring principle
Magneto-resistive
Ambient temperature
-40 °C ... 70 °C
Repetition accuracy
0.2 mm
Switching output
PNP
Switching element function
N/O contact
On time
≤1.3 ms
Switch-off time
≤1.4 ms
Max. switching frequency
150 Hz
Max. output current
100 mA
Max. output current in mounting kits
50 mA
Max. switching capacity DC
2.8 W
Max. switching capacity DC in mounting kits
1.5 W
Voltage drop
≤1.7 V
Short-circuit protection
yes
Overload protection
Available
Rated operating voltage DC
24 V
DC operating voltage range
5 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
3
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection for input 1, connection pattern
00995573
Connection outlet orientation
Longitudinal
1/21/22 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8152201

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
815222302 MAGNETROL-815222302 Datasheet
409Kb / 28P
RF Point Level Switches
815222322 MAGNETROL-815222322 Datasheet
409Kb / 28P
RF Point Level Switches
logo
Festo Corporation.
8152240 FESTO-8152240 Datasheet
99Kb / 3P
Vacuum generator
8152241 FESTO-8152241 Datasheet
101Kb / 3P
Vacuum generator
8152242 FESTO-8152242 Datasheet
101Kb / 3P
Vacuum generator
More results

Similar Description - 8152201

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
Proximity Switch
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
Proximity Switch
TCA305 SIEMENS-TCA305_05 Datasheet
593Kb / 7P
Proximity Switch
logo
Festo Corporation.
8138000 FESTO-8138000 Datasheet
85Kb / 2P
Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
Proximity switch
8117065 FESTO-8117065 Datasheet
74Kb / 1P
Proximity switch
8117066 FESTO-8117066 Datasheet
74Kb / 1P
Proximity switch
8150171 FESTO-8150171 Datasheet
85Kb / 2P
Proximity switch
7/11/22
8150173 FESTO-8150173 Datasheet
82Kb / 2P
Proximity switch
7/11/22
8150174 FESTO-8150174 Datasheet
87Kb / 2P
Proximity switch
7/11/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com