Electronic Components Datasheet Search
  English  ▼

X  

2020 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 2020
Description  FIXED SIP DELAY LINE TR < 1ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

2020 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  2020 Datasheet HTML 1Page - Data Delay Devices, Inc. 2020 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2020/2021
Doc #01009
DATA DELAY DEVICES, INC.
2
10/31/01
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Zload:
50
Ω nominal
Source Amplitude:
0dBm typical
Source Impedance:
50
Ω nominal
Input Frequency:
27.777778MHz
Network analyzer is used in phase measurement mode, normalized with a wire jumper between input and
output of DUT test socket. Delay is related to phase lag with proportionality constant of 100ps/deg.
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
IN
Test Setup
DEVICE UNDER
TEST (DUT)
NETWORK
ANALYZER
(HP 3577A)
OUT
IN R
IN A
IN B
GND
IN
OUT B
50-OHM
SIGNAL
DIVIDER
(HP 35676
-66301)
OUT R
OUT A
50-Ohm Coax
50-Ohm Coax
50-Ohm Coax
50-Ohm Coax
RF
OUT
GND



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com