Electronic Components Datasheet Search
  English  ▼

X  

XC6219 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6219
Description  High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6219 Datasheet HTML 9Page - Torex Semiconductor XC6219 Datasheet HTML 10Page - Torex Semiconductor XC6219 Datasheet HTML 11Page - Torex Semiconductor XC6219 Datasheet HTML 12Page - Torex Semiconductor XC6219 Datasheet HTML 13Page - Torex Semiconductor XC6219 Datasheet HTML 14Page - Torex Semiconductor XC6219 Datasheet HTML 15Page - Torex Semiconductor XC6219 Datasheet HTML 16Page - Torex Semiconductor XC6219 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
13
R000026
XC6219 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
ELECTRICAL CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage (Continued)
(5) Output Voltage vs. Ambient Temperature
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-40
-20
0
20
40
60
80
100
Ambient Temperature Topr (OC)
XC6219x252
VIN=3.5V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
100mA
0.0
10.0
20.0
30.0
40.0
50.0
01
234
56
Input Voltage VIN (V)
XC6210x302
Topr= 85OC
25OC
- 40OC
1.60
1.65
1.70
1.75
1.80
1.85
1.90
-40
-20
0
20
40
60
80
100
Ambient Temperature Topr (OC)
XC6219x182
VIN=2.8V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
100mA
2.80
2.85
2.90
2.95
3.00
3.05
3.10
-40
-20
0
20
40
60
80
100
Ambient Temperature Topr (OC)
XC6219x302
VIN=4.0V
CIN=1uF (ceramics), CL=1uF (ceramics)
IOUT=0mA
1mA
30mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com