Electronic Components Datasheet Search
  English  ▼

X  

XC6376 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6376
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6376 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6376 Datasheet HTML 1Page - Torex Semiconductor XC6376 Datasheet HTML 2Page - Torex Semiconductor XC6376 Datasheet HTML 3Page - Torex Semiconductor XC6376 Datasheet HTML 4Page - Torex Semiconductor XC6376 Datasheet HTML 5Page - Torex Semiconductor XC6376 Datasheet HTML 6Page - Torex Semiconductor XC6376 Datasheet HTML 7Page - Torex Semiconductor XC6376 Datasheet HTML 8Page - Torex Semiconductor XC6376 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
XC6376/6377
Series
579
5
A
B
3
S
VOUT
FB
C
D
SYMBOL
VOUT/FB
VOUT RESET FUNCTION
INTEGRAL CIRCUIT PROTECTION
VOUT
FB
E
F
VOUT
VOUT
NO
-
NO
-
YES
YES
YES
YES
NO
NO
YES
NO
Output voltage e.g. 3.0V output : (②=3, ③=0)
FB products (B,D types) : (②=1, ③=0)
Oscillator frequency 300kHz
5
Oscillator frequency 500kHz
2
Oscillator frequency 180kHz
Package SOP-8
R
L
Embossed Tape : Standard Feed
: Reverse Feed
XC6376 Series
PWM Control
XC6376①②③④⑤⑥
XC6377 Series
PWM/PFM switching control
(same as XC6376 series)
XC6377①②③④⑤⑥
①
②
③
④
⑤
⑥
GOrdering Information
■Packaging Information
GSOP-8
4.2±0.4
1.5±0.1
0∼0.25
0.35∼1.0
6.1 -0.3
+0.4
05S_3XC6376/77 02.09.12 15:20 ページ 579



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com