Electronic Components Datasheet Search
  English  ▼

X  

XC2173CD21ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2173CD21ML
Description  ICs for use with Crystal Oscillators (PLL built-in)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD21ML Datasheet(HTML) 6 Page - Torex Semiconductor

  XC2173CD21ML Datasheet HTML 1Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 2Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 3Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 4Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 5Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 6Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 7Page - Torex Semiconductor XC2173CD21ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
XC2173 Series
1044
14
4.5
5.0
5.5
V
2.4
V
0.4
V
CMOS: VDD=4.5V, IOH=-16mA
3.9
4.2
V
CMOS: VDD=4.5V, IOL=16mA
0.3
0.4
V
23
mA
5mA
0.5
1.0
2.0
M
Ω
25
50
100
k
Ω
Cg
13
pF
Cd
13
pF
Rf
100
240
400
k
Ω
10
µA
/INH="L"
/INH="L"
(note 3)
(note 3)
2.97
3.3
3.63
V
2.4
V
0.4
V
CMOS: VDD=2.97V, IOH=-8mA
2.47
V
CMOS: VDD=2.97V, IOL=8mA
0.4
V
7mA
1mA
1.0
2.0
4.0
M
Ω
35
70
140
k
Ω
Cg
13
pF
Cd
13
pF
Rf
0.3
1.0
2.0
MΩ
10
µA
/INH="L"
/INH="L"
(note 3)
(note 3)
Ta=25℃
Ta=25℃
3.3V, f0 x 5 multiplier (note 1)
5.0V, f0 x 5 multiplier (note 2)
note 1 : The output frequency range is 50 MHz to 100MHz with a multiplier of f0 x 5 at 3.3V
note 2 : The output frequency range is 80 MHz to 125MHz with a multiplier of f0 x 5 at 5.0V
note 3 : measured value
Ioz
Rup2
Rup1
IDD2
IDD1
VOL
VOH
VIL
VIH
VDD
/INH="OPEN", CL=15pF, f=50MHz
/INH="L", CL=15pF, f=50MHz
/INH=0.7VDD
Ioz
VDD
VIH
VIL
VOH
VOL
IDD1
IDD2
Rup1
Rup2
/INH="OPEN", CL=15pF, f=100MHz
/INH="L", CL=15pF, f=100MHz
/INH=0.7VDD
PARAMETER
SYMBOL
UNITS
Operating Voltage
Consumption Current 1
Consumption Current 2
Internal Oscillation
Capacitance
Internal Oscillation Feedback
Resistance
CONDITIONS
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
PARAMETER
SYMBOL
UNITS
Operating Voltage
Consumption Current 1
Consumption Current 2
Internal Oscillation
Capacitance
Internal Oscillation Feedback
Resistance
CONDITIONS
'H' Level Input Voltage
'L' Level Input Voltage
'H' Level Output Voltage
'L' Level Output Voltage
Input pull up resistance 1
Input pull up resistance 2
Output Off Leak Current
MIN
TYP
MAX
MIN
TYP
MAX
14S_05XC2173 02.09.12 16:37 ページ 1044



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com