Electronic Components Datasheet Search
  English  ▼

X  

TPS22916BYFPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22916BYFPR
Description  TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22916BYFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22916BYFPR Datasheet HTML 9Page - Texas Instruments TPS22916BYFPR Datasheet HTML 10Page - Texas Instruments TPS22916BYFPR Datasheet HTML 11Page - Texas Instruments TPS22916BYFPR Datasheet HTML 12Page - Texas Instruments TPS22916BYFPR Datasheet HTML 13Page - Texas Instruments TPS22916BYFPR Datasheet HTML 14Page - Texas Instruments TPS22916BYFPR Datasheet HTML 15Page - Texas Instruments TPS22916BYFPR Datasheet HTML 16Page - Texas Instruments TPS22916BYFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
6.7.2 Typical Switching Characteristics (continued)
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
D022
100 µF
1 µF
0.1 µF
RL = 10 Ω
TPS22916C TPS22916CN TPS22916CL
Figure 6-27. Slow Turn-On vs Load Capacitance
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1000
2000
3000
4000
5000
6000
7000
D023
3 :
10 :
Open
CL = 100 µF
TPS22916C TPS22916CN TPS22916CL
Figure 6-28. Slow Turn-On vs Load Resistance
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
600
900
1200
1500
1800
2100
2400
2700
D024
100 µF
1 µF
0.1 µF
RL = 10 Ω
TPS22916C TPS22916CN TPS22916CL
Figure 6-29. Slow Rise Time vs Load Capacitance
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
600
900
1200
1500
1800
2100
2400
2700
3000
3300
3600
D025
3 :
10 :
Open
CL = 100 µF
TPS22916C TPS22916CN TPS22916CL
Figure 6-30. Slow Rise Time vs Load Resistance
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
1
2
3
4
5
6
D026
100 µF
1 µF
0.1 µF
RL = 10 Ω
TPS22916C TPS22916CN TPS22916CL
Figure 6-31. Slow Slew Rate vs Load Capacitance
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
1
2
3
4
5
6
D027
3 :
10 :
Open
CL = 100 µF
TPS22916C TPS22916CN TPS22916CL
Figure 6-32. Slow Slew Rate vs Load Resistance
www.ti.com
TPS22916
SLVSDO5F – JULY 2017 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS22916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com