Electronic Components Datasheet Search
  English  ▼

X  

XC31 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC31
Description  Temperature Controlled Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC31 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC31 Datasheet HTML 1Page - Torex Semiconductor XC31 Datasheet HTML 2Page - Torex Semiconductor XC31 Datasheet HTML 3Page - Torex Semiconductor XC31 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Temperature Controlled Voltage Regulators
Series
643
9
■General Description
■Features
■Applications
NCMOS
NOutput Voltage Range : 1.5V~5.5V
NAccuracy
: ±5%
NOutput Voltage Temperature Coefficient
: Typ. -3000ppm/°C
NDetectable Temperature Range
: -20°C~60°C
NNo-Load Supply Current:Typ. 1.0µA
The XC31P series is a group of temperature sensitive, positive voltage
output, three-pin regulators, that provide voltage in response to sensed
ambient temperatures. This function is very useful for correcting
temperature characteristics of LCD devices etc. It can also be used as a
temperature sensor.
The XC31P consists of a temperature sensor, a voltage correction circuit,
a high-precision voltage reference source, an error correction circuit, and
a current limited output driver.
Laser trimming increases output voltage accuracy and provides output
stability against the variations in input voltage and output current. CMOS
production technology reduces power consumption.
SOT-23 (150mW) and SOT-89 (500mW) packages are available.
Set-up output voltage range
: 1.5V ~ 5.5V in 0.1V increments.
Highly accurate
: Set-up voltage ±5%
Output voltage temperature coefficients
: Typ. -3000ppm/°C
Detectable temperature range
: -20°C ~ 60°C
Maximum output current : 50mA (within maximum power
dissipation)
Low power consumption : Typ. 1.0
µA at VOUT= 1.54V
Maximum input voltage
: Max. 7V (max)
Ultra small package
: SOT-23 (150mW) mini-mold
: SOT-89 (500mW) power mini-mold
GTemperature compensation power supply
GBattery-powered equipment
GLCD based systems
GCameras, Video Recorders, and OA systems
■Pin Configuration
■Pin Assignment
3
12
VIN
VOUT
VSS
SOT-23
(TOP VIEW)
VSS
VIN
12
3
SOT-89
(TOP VIEW)
VOUT
PIN NUMBER
SOT-23
SOT-89
PIN NAME
FUNCTION
3
2
Supply voltage input
Regulated voltage output
11
VIN
23
Ground
VSS
VOUT
09S_02XC31P 02.9.12 3:39 PM ページ 643


Similar Part No. - XC31

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101-12 TOREX-XC3101-12 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101AC707R-G TOREX-XC3101AC707R-G Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101AC70NR-G TOREX-XC3101AC70NR-G Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results

Similar Description - XC31

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
AVCTCQO5032 AURIS-AVCTCQO5032 Datasheet
85Kb / 1P
Oscillator SMD, voltage-controlled, temperature-compensated
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9012 RFM-XVT9012 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com