Electronic Components Datasheet Search
  English  ▼

X  

XC31B Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC31B
Description  CMOS Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC31B Datasheet(HTML) 2 Page - Torex Semiconductor

  XC31B Datasheet HTML 1Page - Torex Semiconductor XC31B Datasheet HTML 2Page - Torex Semiconductor XC31B Datasheet HTML 3Page - Torex Semiconductor XC31B Datasheet HTML 4Page - Torex Semiconductor XC31B Datasheet HTML 5Page - Torex Semiconductor XC31B Datasheet HTML 6Page - Torex Semiconductor XC31B Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
■Packaging Information
GSOT-25
XC31B Series
636
9
■Product Classification
GOrdering Information
DESIGNATOR
DESCRIPTION
Polarity of Output Voltage
P: + (Positive)
a
Temperature Coefficient
N: – (Negative)
b
Output Voltage (25
°C)
20 = 2.0V
30 = 3.0V
c
Revision Character
A ∼
d
DESCRIPTION
Package Type
M=SOT–25
e
Device Orientation
R = Embossed Tape
(Standard Feed)
L = Embossed Tape
(Reverse Feed)
f
DESIGNATOR
XC31Bxxxxxxx
↑↑ ↑ ↑↑↑
ab c def
0.4
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
09S_01XC31B新規 02.9.12 3:38 PM ページ 636



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com