Electronic Components Datasheet Search
  English  ▼

X  

XC62E Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62E
Description  Boosting Voltage Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62E Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62E Datasheet HTML 1Page - Torex Semiconductor XC62E Datasheet HTML 2Page - Torex Semiconductor XC62E Datasheet HTML 3Page - Torex Semiconductor XC62E Datasheet HTML 4Page - Torex Semiconductor XC62E Datasheet HTML 5Page - Torex Semiconductor XC62E Datasheet HTML 6Page - Torex Semiconductor XC62E Datasheet HTML 7Page - Torex Semiconductor XC62E Datasheet HTML 8Page - Torex Semiconductor XC62E Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC62E Series
348
3
■Pin Configuration
■Pin Assignment
■Product Classification
GOrdering Information
■Function
PIN NUMBER
1
2
3
4
5
FUNCTION
Ground
Supply voltage input
Regulated voltage output
Base current control
Chip enable
PIN NAME
VSS
VIN
VOUT
EXT
CE/CE
SERIES
CE
OUTPUT VOLTAGE
XC62ER
H
ON
L
OFF
XC62EP
H
OFF
L
ON
H=High Level
L=Low Level
SOT-25
(TOP VIEW)
5
4
CE /
VSS
EXT
VIN
VOUT
1
3
2
CE
DESIGNATOR
a
e
f
b
c
d
DESCRIPTION
DESIGNATOR
DESCRIPTION
CE pin Logic:
R=Positive
P=Negative
Output Voltage
30=3.0V
50=5.0V
Temperature Coefficients:
0=
±100ppm (typical)
Output Voltage Accuracy:
1=
±1.0%(Semi-custom)
2=
±2.0%
Package Type
M=SOT-25
Device Orientation
R=Embossed Tape
(Standard Feed)
L=Embossed Tape
(Reverse Feed)
XC62EXXXXXXX
↑
a
↑
b
↑
c
↑
d
↑
e
↑
f
03S_09XC62E 02.9.12 3:07 PM ページ 348



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com