Electronic Components Datasheet Search
  English  ▼

X  

LT3922 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3922
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3922 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3922 Datasheet HTML 9Page - Analog Devices LT3922 Datasheet HTML 10Page - Analog Devices LT3922 Datasheet HTML 11Page - Analog Devices LT3922 Datasheet HTML 12Page - Analog Devices LT3922 Datasheet HTML 13Page - Analog Devices LT3922 Datasheet HTML 14Page - Analog Devices LT3922 Datasheet HTML 15Page - Analog Devices LT3922 Datasheet HTML 16Page - Analog Devices LT3922 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT3935
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Below 250mV, the CTRL pin commands zero LED current,
and above 1.25V, it commands the maximum. When an
independent voltage source is not available, the intermedi-
ate CTRL voltages may be derived from the 2V reference
at the VREF pin using a resistor network or potentiometer
as long as the total current drawn from the VREF pin is
less than 1mA.
Additionally, the LT3935 is capable of interpreting a pulse
at the CTRL pin. The high level of the pulse must be greater
than 1.6V. The low level must be less than 400mV. The
frequency must be greater than 100kHz and less than
1MHz.ThentheregulatedvoltagebetweenISPandISNwill
vary with the duty ratio of the pulse as shown in Figure 2.
In this case, the LED current is zero for duty ratios less
than 12.5% and reaches its maximum above 62.5%. The
LT3935 will cease switching if the duty ratio of the CTRL
pin pulse is less than 10%, and also for DC CTRL pin
voltages less than 200mV.
Figure 1. Analog CTRL Range
Figure 2. Duty Ratio CTRL Range
Figure 3. Setting CTRL with NTC Resistors
UsethefollowingguidetoconfiguretheLT3935according
to your application requirements and to select the
appropriate external components.
Programming LED Current with the CTRL Pin
TheprimaryfunctionoftheLT3935istoregulatethecurrent
for a string of LEDs. This current should pass through a
series current sense resistor that can be placed anywhere
in the string. Then the voltage across this resistor will be
sensed by the current regulation amplifier through the
ISP and ISN pins and regulated to a level programmed by
the CTRL pin. The maximum resistor voltage that can be
programmed is 100mV, which corresponds to 4A through
theLEDstringwhena25mΩcurrentsenseresistorisused.
To allow for this maximum current, the CTRL pin may
be connected directly to the VREF pin, which provides
an accurate 2V reference. Lower current levels can be
programmed by DC CTRL voltages between 250mV and
1.25V as shown in Figure 1.
0 0.25V
0.75V
ILED
VCTRL
1.25V 1.5V
3935 F01
VCTRL < 200mV
CTRL–OFF
100mV
RSNS
50mV
RSNS
LT3935
CTRL
VREF
RCTRL1
RCTRL2
RNTC
LT3935
3935 F03
CTRL
VREF
RCTRL1
RCTRL2
RNTC
0 12.5%
37.5%
62.5% 75%
3935 F02
DCTRL < 10%
CTRL–OFF
100mV
RSNS
50mV
RSNS
ILED
DCTRL
To reduce the LED current when the temperature of the
LEDs rises, use resistors with negative temperature coef-
ficient (NTC) in the network from VREF to CTRL as shown
in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com