Electronic Components Datasheet Search
  English  ▼

X  

LT3478 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3478
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3478 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3478 Datasheet HTML 14Page - Analog Devices LT3478 Datasheet HTML 15Page - Analog Devices LT3478 Datasheet HTML 16Page - Analog Devices LT3478 Datasheet HTML 17Page - Analog Devices LT3478 Datasheet HTML 18Page - Analog Devices LT3478 Datasheet HTML 19Page - Analog Devices LT3478 Datasheet HTML 20Page - Analog Devices LT3478 Datasheet HTML 21Page - Analog Devices LT3478 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LT3935
20
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
VIN
EN/UVLO
VREF
CTRL
PWM
SYNC/SPRD
INTVCC
SS
RT
RP
VC
ISP
ISN
FB
VOUT
BST
LT3935
VBAT
9V TO 18V
ISMON
FAULT
GND
SW
0.1µF
L1: WURTH 74438357010
FB1, FB2 : MURATA BLM21PG121SH1D
×2
1µF
×2
10µF
×2
FB1
10µF
×2
L1
FB2
1µF
121k
10k
10µF
100k
34k
2.2µF
169k
34k
100k
2.2µF
150pF
10k
1nF
45.3k
2MHz
0.1µF
25m
3935 TA02
ISMON
DC2987A–2 DEMO BOARD
12V INPUT TO 6.7V OUTPUT AT 1.5A, fSW = 2MHz
CLASS 5 PEAK LIMIT
MEASURED EMISSION
AMBIENT NOISE
FREQUENCY (Hz)
100k
1M
10M
100M 200M
–20
–10
0
10
20
30
40
50
60
70
80
3935 TA02a
DC2987A–2 DEMO BOARD
12V INPUT TO 6.7V OUTPUT AT 1.5A, fSW = 2MHz
CLASS 5 PEAK LIMIT
MEASURED EMISSION
AMBIENT NOISE
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–20
–10
0
10
20
30
40
50
60
70
80
3935 TA02b
DC2987A – 2 DEMO BOARD
12V INPUT TO 6.7V OUTPUT AT 1.5A, fSW = 2MHz
CLASS 5 AVERAGE LIMIT
MEASURED EMISSION
AMBIENT NOISE
FREQUENCY (Hz)
100k
1M
10M
100M 200M
–20
–10
0
10
20
30
40
50
60
70
80
3935 TA02c
DC2987A–2 DEMO BOARD
12V INPUT TO 6.7V OUTPUT AT 1.5A, fSW = 2MHz
CLASS 5 AVERAGE LIMIT
MEASURED EMISSION
AMBIENT NOISE
FREQUENCY (Hz)
100k
1M
10M
100M
1G
–20
–10
0
10
20
30
40
50
60
70
80
3935 TA02d
4A LED Driver with Analog CTRL Current
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
CISPR25 Peak Conducted EMI Performance
CISPR25 Average Conducted EMI Performance
CISPR25 Peak Radiated EMI Performance
CISPR25 Average Radiated EMI Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com