Electronic Components Datasheet Search
  English  ▼

X  

LT3757A Datasheet(PDF) 21 Page - Analog Devices

Part # LT3757A
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757A Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3757A Datasheet HTML 17Page - Analog Devices LT3757A Datasheet HTML 18Page - Analog Devices LT3757A Datasheet HTML 19Page - Analog Devices LT3757A Datasheet HTML 20Page - Analog Devices LT3757A Datasheet HTML 21Page - Analog Devices LT3757A Datasheet HTML 22Page - Analog Devices LT3757A Datasheet HTML 23Page - Analog Devices LT3757A Datasheet HTML 24Page - Analog Devices LT3757A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LT8357
21
Rev. 0
For more information www.analog.com
The primary and second inductor values of the flyback
converter transformer can be determined using the fol-
lowing equations:
LP =
D2MAX •V2IN(MIN)•η
2•POUT(MAX)•f
LS =
D22•(VOUT +VD)
2•IOUT(MAX)•f
The primary to second turns ratio is:
NP
NS
=
LP
LS
Flyback Converter: Snubber Design
Transformer leakage inductance (on either the primary
or secondary) causes a voltage spike to occur after the
MOSFET turn-off. This is increasingly prominent at higher
load currents, where more stored energy must be dis-
sipated. In some cases, a snubber circuit will be required
to avoid overvoltage breakdown at the MOSFET’s drain
node. There are different snubber circuits (such as RC
snubber, RCD snubber, etc.), and Application Note 19 is
a good reference on snubber design. An RCD snubber is
shown in Figure 8.
The snubber resistor value (RSN) can be calculated by the
following equation:
RSN =2•
V2SN −VSN•VOUT •
NP
NS
I2SW(PEAK)•LLK •f
where VSN is the snubber capacitor voltage. A smaller
VSN results in a larger snubber loss. A reasonable VSN is
2 to 2.5 times of:
VOUT •NP
NS
LLK is the leakage inductance of the primary winding, which
is usually specified in the transformer characteristics. LLK
APPLICATIONS INFORMATION
can be obtained by measuring the primary inductance
with the secondary windings shorted. The snubber capac-
itor value (CSN) can be determined using the following
equation:
CSN =
VSN
ΔVSN•RSN•f
where ΔVSN is the voltage ripple across CSN. A reasonable
ΔVSN is 5% to 10% of VSN. The reverse voltage rating of
DSN should be higher than the sum of VSN and VIN(MAX).
Flyback Converter: Sense Resistor Selection
In a flyback converter, when the power MOSFET is turned on,
the current flowing through the sense resistor (ISENSE) is:
ISENSE = ILP
Set the sense voltage at ILP(PEAK) to be less than the maxi-
mum SENSE current limit threshold of 60mV (typical).
The sense resistor value can then be calculated as:
RSENSE =
60mV
ILP(PEAK)
The final RSENSE value should be lower than the calculated
RSENSE. A 20% to 30% margin is usually recommended.
Always choose a low ESL current sense resistor.
Flyback Converter: Power MOSFET Selection
For the flyback configuration, the MOSFET is selected
with a VDC rating high enough to handle the maximum
VIN, the reflected secondary voltage and the voltage spike
due to the leakage inductance. Approximate the required
MOSFET VDC rating using:
BVDSS > VDS(PEAK)
where
VDS(PEAK) = VIN(MAX) + VSN
The power dissipated by the MOSFET in a flyback con-
verter is:
PFET =I2M(RMS)•RDS(ON)+2•V2DS(PEAK)•IL(MAX)•CRSS•f /1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com