Electronic Components Datasheet Search
  English  ▼

X  

LTC4442 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4442
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4442 Datasheet(HTML) 1 Page - Analog Devices

  LTC4442 Datasheet HTML 1Page - Analog Devices LTC4442 Datasheet HTML 2Page - Analog Devices LTC4442 Datasheet HTML 3Page - Analog Devices LTC4442 Datasheet HTML 4Page - Analog Devices LTC4442 Datasheet HTML 5Page - Analog Devices LTC4442 Datasheet HTML 6Page - Analog Devices LTC4442 Datasheet HTML 7Page - Analog Devices LTC4442 Datasheet HTML 8Page - Analog Devices LTC4442 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC7067
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
150V Dual High-Side MOSFET Gate Driver
The LTC®7067 drives two high-side N-Channel MOSFETs
with supply voltages up to 140V. Both drivers can oper-
ate with a different ground reference, providing excellent
noise and transient immunity. The two drivers are sym-
metric and independent of each other, allowing comple-
mentary or non-complementary switching.
Its powerful 0.8Ω pull-down and 1.5Ω pull-up MOSFET
drivers allows the use of large gate capacitance high volt-
age MOSFETs. Additional features include UVLO, TTL/
CMOS compatible inputs and fault indicator.
See chart below for a similar driver in this product family.
PARAMETER
LTC7060
LTC7061
LTC7062
LTC7067
Input Signal
3-State PWM
CMOS/
TTL Logic
CMOS/
TTL Logic
CMOS/
TTL Logic
Shoot-Through
Protection
Yes
Yes
No
No
Absolute Max
Voltage
115V
115V
115V
150V
VCC Falling
UVLO
5.3V
4.3V
4.3V
4.3V
APPLICATIONS
n
Unique Symmetric Floating Gate Driver Architecture
n
High Noise Immunity, Tolerates ±10V Ground
Difference
n
140V Maximum Input Voltage Independent of IC
Supply Voltage VCC
n
5V to 14V VCC Operating Voltage
n
4V to 14V Gate Driver Voltage
n
0.8Ω Pull-Down, 1.5Ω Pull-Up for Fast Turn-On/Off
n
TTL/CMOS Compatible Input
n
VCC UVLO/OVLO and Floating Supplies UVLO
n
Drives Dual N-Channel MOSFETs
n
Open-Drain Fault Indicator (VCC UVLO/OVLO,
Gate Driver UVLO and Thermal Shutdown)
n
Available in Thermally Enhanced 12-Lead MSOP
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive and Industrial Power Systems
n
Telecommunication Power Systems
All registered trademarks and trademarks are the property of their respective owners.
51k
G1
G1VCC
G1IN
FLTB
VCC
G2
G2RTN
VCC
12V
LTC7067
PWM
CONTROLLER
SGND
G2IN
G1RTN
VIN
48V TO 135V
7067 TA01
G2VCC
VOUT2
3.3V
VIN
48V TO 135V
VOUT1
5V


Similar Part No. - LTC4442

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4442 LINER-LTC4442 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4442 LINER-LTC4442 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4442 LINER-LTC4442 Datasheet
184Kb / 14P
High Speed Synchronous N-Channel MOSFET Drivers
More results

Similar Description - LTC4442

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
High-Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
High-Side Gate Driver
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
High Side Gate Driver
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
High Side Gate Driver
logo
STMicroelectronics
VND670SP STMICROELECTRONICS-VND670SP_08 Datasheet
302Kb / 20P
Dual high-side switch with dual Power MOSFET gate driver(bridge configuration)
11-Dec-2008
logo
Fairchild Semiconductor
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
High Side Gate Driver
September-2017, Rev.2
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
High Side Gate Driver
September-2017,Rev. 2
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
High-Side Gate Driver
November 2009 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com