Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8364
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8364 Datasheet HTML 2Page - Analog Devices LT8364 Datasheet HTML 3Page - Analog Devices LT8364 Datasheet HTML 4Page - Analog Devices LT8364 Datasheet HTML 5Page - Analog Devices LT8364 Datasheet HTML 6Page - Analog Devices LT8364 Datasheet HTML 7Page - Analog Devices LT8364 Datasheet HTML 8Page - Analog Devices LT8364 Datasheet HTML 9Page - Analog Devices LT8364 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT8365
6
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
(in DCM)
VIN Pin Current (Sleep Mode, Not
Switching) vs Temperature
VIN Pin Current (Active Mode,
Not Switching, Bias = 0V)
vs Temperature
VIN Pin Current (Active Mode, Not
Switching, Bias = 5V)
vs Temperature
VIN = 12V
VBIAS = 0V
VSYNC_MODE = 0V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
3
6
9
12
15
18
21
24
27
30
Switching) vs Temperature
VIN Pin Current (Sleep Mode, Not
8365 G10
VIN = 12V
VBIAS = 0V
VSYNC_MODE = FLOAT
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
8365 G11
VIN = 12V
VBIAS = 5V
VSYNC_MODE = FLOAT
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
10
14
18
22
26
30
34
38
42
46
50
8365 G12
1µs/DIV
IL
500mA/DIV
VSW
50V/DIV
8365 G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com