Electronic Components Datasheet Search
  English  ▼

X  

LT3958 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3958
Description  Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3958 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3958 Datasheet HTML 17Page - Analog Devices LT3958 Datasheet HTML 18Page - Analog Devices LT3958 Datasheet HTML 19Page - Analog Devices LT3958 Datasheet HTML 20Page - Analog Devices LT3958 Datasheet HTML 21Page - Analog Devices LT3958 Datasheet HTML 22Page - Analog Devices LT3958 Datasheet HTML 23Page - Analog Devices LT3958 Datasheet HTML 24Page - Analog Devices LT3958 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8365
21
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
400kHz, 9V to 30V Input, –125V Output Inverting Converter
8365 TA04a
C4
1µF
C1
10µF
C3
1nF
C2
0.22µF
R4
1M
R3
6.49k
R2
84.5k
R1
107k
D2
C5
0.22µF
L1
10µH
C6
0.1µF
D1
R5
20
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
VOUT
9V TO 30V
–125V
15mA
D1, D2: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324100
C6: 12062C104KAT2A
C5, C7: CGJ5L3X7T2D224K160AA
400kHz, 9V to 30V Input, 250V Output Boost Converter
8365TA05a
C4
1µF
C1
10µF
C3
1nF
C2
0.22µF
R6
1M
R5
6.49k
R4
84.5k
R3
107k
D2
C5
0.22µF
L1
10µH
R8
20
D3
C6
0.22µF
D1
C7
0.1µF
EN/UVLO
RT
VIN
SW
FBX
BIAS
INTVCC
SS
GND
VC
LT8365
SYNC/MODE
VIN
9V TO 30V
VOUT
VOUT
250V
10mA
D1, D2, D3: DIODES INC. DFLS1150
L1: WURTH ELEKTRONIK WE-PD 74437324100
C7: 12062C104KAT2A
C5, C6: CGJ5L3X7T2D224K160AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com