Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8710
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8710 Datasheet HTML 2Page - Analog Devices LT8710 Datasheet HTML 3Page - Analog Devices LT8710 Datasheet HTML 4Page - Analog Devices LT8710 Datasheet HTML 5Page - Analog Devices LT8710 Datasheet HTML 6Page - Analog Devices LT8710 Datasheet HTML 7Page - Analog Devices LT8710 Datasheet HTML 8Page - Analog Devices LT8710 Datasheet HTML 9Page - Analog Devices LT8710 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT8392
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
INTVCC Voltage vs Temperature
INTVCC Voltage vs VIN
INTVCC UVLO Threshold
VREF Voltage vs Temperature
VREF Voltage vs VIN
VREF UVLO Threshold
EN/UVLO Enable Threshold
EN/UVLO Hysteresis Current
V(ISP–ISN) Regulation vs VCTRL
VIN = 12V, VEXTVCC = 0V
VIN = 3V, VEXTVCC = 12V
IINTVCC = 20mA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.97
4.98
4.99
5.00
5.01
5.02
5.03
8392 G10
IINTVCC = 20mA
VIN (V)
0
10
20
30
40
50
60
4.85
4.90
4.95
5.00
5.05
5.10
5.15
8392 G11
TEMPERATURE (°C)
–50
3.2
3.8
3.9
3.7
3.5
3.6
3.4
3.3
4.0
125
100
150
–25
0
25
50
8392 G12
75
RISING
FALLING
TEMPERATURE (°C)
–50
1.96
2.02
2.03
2.01
1.99
2.00
1.98
1.97
2.04
125
100
150
–25
0
25
50
8392 G13
75
IVREF = 0mA
IVREF = 1mA
VIN (V)
0
1.96
2.02
2.03
2.01
1.99
2.00
1.98
1.97
2.04
50
40
60
10
20
8392 G14
30
IVREF = 100µA
TEMPERATURE (°C)
–50
1.70
1.90
1.95
1.85
1.80
1.75
2.00
125
100
150
–25
25
0
50
8392 G15
75
RISING
FALLING
TEMPERATURE (°C)
–50
1.200
1.230
1.235
1.225
1.220
1.215
1.210
1.205
1.240
125
100
150
–25
25
0
50
8392 G16
75
RISING
FALLING
TEMPERATURE (°C)
–50
2.0
2.8
2.6
2.4
2.2
3.0
125
100
150
–25
25
0
50
8392 G17
75
VCTRL (V)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
10
20
30
40
50
60
8392 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com