Electronic Components Datasheet Search
  English  ▼

X  

KF-CP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KF-CP
Description  Coding Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KF-CP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KF-CP Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coding Pins
KF-CP
< Coding of K-System terminal blocks
< Coding of LB/FB-System front sockets
< Packaging unit: 20 x 6 coding pins
Red coding pins, packaging unit: 20 x 6
Function
Coding pins provide a unique correlation between device and terminal block. Faulty connections can be prevented.
The coding pins can be inserted into the corresponding slot of the terminal block or the front socket.
Application
Technical Data
Mechanical specifications
Material
insulating material
Color
red
Mass
approx. 1 g per coding pin
Dimensions
0.5 x 2 x 8 mm (0.02 x 0.08 x 0.3 inch)
General information
Packing unit
120 item(s) (20 x 6 items)
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KF-CP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KF-CTT-3GN2BU PF-KF-CTT-3GN2BU Datasheet
374Kb / 2P
Terminal Block with Test Plug Socket
KF-CTT-5BU PF-KF-CTT-5BU Datasheet
368Kb / 2P
Terminal Block with Test Plug Socket
KF-CTT-5GN PF-KF-CTT-5GN Datasheet
369Kb / 2P
Terminal Block with Test Plug Socket
More results

Similar Description - KF-CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
163.7010.0102 LITTELFUSE-163.7010.0102 Datasheet
166Kb / 1P
FKS-Coding plugs
logo
FCI connector
70274-001LF FCI-CONNECTOR-70274-001LF Datasheet
94Kb / 1P
MALE CODING
logo
PHOENIX CONTACT
1686478 PHOENIX-1686478 Datasheet
54Kb / 2P
Coding profile - CP-HC
logo
SHENZHEN FUMAN ELECTRON...
TC2260 FUMAN-TC2260 Datasheet
384Kb / 6P
Remote control coding circuit
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
Coding Pins
logo
HARTING Technology Grou...
09-30-000-9821 HARTING-09-30-000-9821 Datasheet
444Kb / 1P
Coding Pin (INOX)
2021-10-01
logo
WECO ELECTRICAL CONNECT...
130-CP WECO-130-CP Datasheet
53Kb / 1P
Coding element
10.12
logo
PHOENIX CONTACT
1620585 PHOENIX-1620585 Datasheet
171Kb / 4P
SF-Z0064 - Color-coding
1620704 PHOENIX-1620704 Datasheet
173Kb / 4P
CA-Z0120 - Color-coding
1620593 PHOENIX-1620593 Datasheet
171Kb / 4P
RF-Z0016 - Color-coding
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com