Electronic Components Datasheet Search
  English  ▼

X  

PDU17F Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PDU17F
Description  7-BIT PROGRAMMABLE DELAY LINE (SERIES PDU17F)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU17F Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PDU17F Datasheet HTML 1Page - Data Delay Devices, Inc. PDU17F Datasheet HTML 2Page - Data Delay Devices, Inc. PDU17F Datasheet HTML 3Page - Data Delay Devices, Inc. PDU17F Datasheet HTML 4Page - Data Delay Devices, Inc. PDU17F Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDU17F
Doc #97005
DATA DELAY DEVICES, INC.
1
1/14/97
3 Mt. Prospect Ave. Clifton, NJ 07013
7-BIT PROGRAMMABLE
DELAY LINE
(SERIES PDU17F)
FEATURES
PACKAGES
•
Digitally programmable in 128 delay steps
•
Monotonic delay-versus-address variation
•
Two separate outputs: inverting & non-inverting
•
Precise and stable delays
•
Input & outputs fully TTL interfaced & buffered
•
10 T
2L fan-out capability
•
Fits standard 40-pin DIP socket
•
Auto-insertable
FUNCTIONAL DESCRIPTION
The PDU17F-series device is a 7-bit digitally programmable delay line.
The delay, TDA, from the input pin (IN) to the output pins (OUT, OUT/)
depends on the address code (A6-A0) according to the following formula:
TDA = TD0 + TINC * A
where A is the address code, TINC is the incremental delay of the device,
and TD0 is the inherent delay of the device. The incremental delay is
specified by the dash number of the device and can range from 0.5ns through 10ns, inclusively. The
enable pins (EN/) are held LOW during normal operation. These pins must always be in the same state
and may be tied together externally. When these signals are brought HIGH, OUT and OUT/ are forced
into LOW and HIGH states, respectively. The address is not latched and must remain asserted during
normal operation.
SERIES SPECIFICATIONS
•
Programmed delay tolerance: 5% or 2ns,
whichever is greater
•
Inherent delay (TD0): 13ns typical (OUT)
12ns typical (OUT/)
•
Setup time and propagation delay:
Address to input setup (TAIS):
10ns
Disable to output delay (TDISO): 6ns typ. (OUT)
•
Operating temperature: 0
° to 70° C
•
Temperature coefficient: 100PPM/
°C (excludes TD
0)
•
Supply voltage VCC: 5VDC
± 5%
•
Supply current:
ICCH = 68ma
ICCL = 86ma
•
Minimum pulse width: 8% of total delay
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
N/C
OUT/
OUT
EN/
GND
N/C
N/C
N/C
GND
N/C
N/C
N/C
N/C
GND
N/C
EN/
N/C
IN
N/C
GND
VCC
N/C
A0
A1
A2
VCC
N/C
A3
A4
A5
VCC
N/C
N/C
N/C
N/C
VCC
N/C
A6
N/C
N/C
PDU17F-xx
DIP
PDU17F-xxC5
Gull-Wing
PDU17F-xxM
Military DIP
PDU17F-xxMC5
Military Gull-Wing
PIN DESCRIPTIONS
IN
Delay Line Input
OUT
Non-inverted Output
OUT/ Inverted Output
A0-A6 Address Bits
EN/
Output Enable
VCC
+5 Volts
GND Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental Delay
Per Step (ns)
Total Delay
Change (ns)
PDU17F-.5
.5
± .3
63.5
± 3.2
PDU17F-1
1
± .5
127
± 6.4
PDU17F-2
2
± .5
254
± 12.7
PDU17F-3
3
± 1.0
381
± 19.1
PDU17F-4
4
± 1.0
508
± 25.4
PDU17F-5
5
± 1.5
635
± 31.8
PDU17F-6
6
± 1.5
762
± 38.1
PDU17F-8
8
± 2.0
1,016
± 50.8
PDU17F-10
10
± 2.0
1,270
± 63.5
NOTE: Any dash number between .5 and 10 not
shown is also available.


Similar Part No. - PDU17F

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5 DATADELAY-PDU1016H-.5 Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5C4 DATADELAY-PDU1016H-.5C4 Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5M DATADELAY-PDU1016H-.5M Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5MC4 DATADELAY-PDU1016H-.5MC4 Datasheet
48Kb / 5P
4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
More results

Similar Description - PDU17F

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
Programmable 8-Bit Silicon Delay Line
DS1045 DALLAS-DS1045 Datasheet
95Kb / 6P
4-Bit Dual Programmable Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
5-BIT PROGRAMMABLE DELAY LINE
PDU13F DATADELAY-PDU13F Datasheet
300Kb / 5P
3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU13F)
PDU16F DATADELAY-PDU16F Datasheet
49Kb / 5P
6-BIT PROGRAMMABLE DELAY LINE (SERIES PDU16F)
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
8-BIT PROGRAMMABLE DELAY LINE
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com