Electronic Components Datasheet Search
  English  ▼

X  

8063370 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8063370
Description  Dispense head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8063370 Datasheet(HTML) 1 Page - Festo Corporation.

  8063370 Datasheet HTML 1Page - Festo Corporation. 8063370 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dispense head
VTOE-D8-T3-M22C-08-V-S-PC-S
Part number: 8063370
Data sheet
Feature
Value
Valve function
2/2, closed, monostable
Operating pressure
0 MPa ... 0.05 MPa
Operating pressure
0 bar ... 0.5 bar
Operating pressure
0 psi ... 7.25 psi
Internal volume
113 µl valve with fluid connections
Nominal width
0.8 mm
Nominal width of dosing needle
0.6 mm
Length of dosing needle
30 mm
Width dimension
9 mm
Sealing principle
Soft
Mounting position
Any
Reset method
Mechanical spring
Type of control
Direct
Water flow rate at max. operating pressure
1300 µl/s
Min. dosing volume
3 µl
Note on dosing volume
Depending on the configuration, environment and application
Typical dosing precision
<1% CV for volumes >5 µl
<2.5% CV for volumes between 1-5 µl
Note on dosing precision
Depending on the configuration, environment and application
Max. switching frequency
4 Hz
Note on switching frequency
Dependent on the ambient temperature and installation state
On switching time
7 ms
Note on switching time on
Depending on the configuration, environment and application
Switching time off
2 ms
Note on switching time off
Depending on the configuration, environment and application
Duty cycle
100 % with individual mounting
50 % in case of block mounting (max. switch-on time 1 s)
Electrical power consumption
1.8 W
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
+/- 10 %
Medium
Liquid media
Liquid media
Information on medium
Observe resistance of materials that come into contact with media
Application note
See application note (available on the support portal at festo.com)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
1/27/22 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8063370

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8063371 FESTO-8063371 Datasheet
71Kb / 2P
Dispense head
1/27/22
8063372 FESTO-8063372 Datasheet
71Kb / 2P
Dispense head
1/27/22
8063373 FESTO-8063373 Datasheet
70Kb / 2P
Dispense head
1/27/22
8063374 FESTO-8063374 Datasheet
71Kb / 2P
Dispense head
1/27/22
More results

Similar Description - 8063370

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8063369 FESTO-8063369 Datasheet
71Kb / 2P
Dispense head
1/27/22
8063371 FESTO-8063371 Datasheet
71Kb / 2P
Dispense head
1/27/22
8063372 FESTO-8063372 Datasheet
71Kb / 2P
Dispense head
1/27/22
8063373 FESTO-8063373 Datasheet
70Kb / 2P
Dispense head
1/27/22
8063374 FESTO-8063374 Datasheet
71Kb / 2P
Dispense head
1/27/22
8063634 FESTO-8063634 Datasheet
78Kb / 2P
Dispense head
1/27/22
8063635 FESTO-8063635 Datasheet
78Kb / 2P
Dispense head
1/27/22
8063636 FESTO-8063636 Datasheet
78Kb / 2P
Dispense head
1/27/22
8063637 FESTO-8063637 Datasheet
77Kb / 2P
Dispense head
1/27/22
8063638 FESTO-8063638 Datasheet
77Kb / 2P
Dispense head
1/27/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com