Electronic Components Datasheet Search
  English  ▼

X  

8063374 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8063374
Description  Dispense head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8063374 Datasheet(HTML) 2 Page - Festo Corporation.

  8063374 Datasheet HTML 1Page - Festo Corporation. 8063374 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS conformity
VDMA24364-B2-L
Storage temperature
-20 °C ... 70 °C
Temperature of medium
5 °C ... 50 °C
Degree of protection
IP30
Note on degree of protection
In mounted state
Ambient temperature
5 °C ... 40 °C
Product weight
18 g
Electrical connection
2-wire
Cable
Open end
Cable length
0.15 m
Wire ends
Stripped
Nominal conductor cross section
AWG28
Type of mounting
With internal thread and centering sleeve
Fluid connector
UNF1/4-28
Note on fluid connector
Fitting enclosed for pneumatic tubing with 3 mm outside diameter
Material of dosing needle
High-alloy stainless steel
Material number for dosing needle
1.4301
Note on materials
RoHS-compliant
Materials in contact with the media
ETFE
FFPM
PEEK
High-alloy stainless steel
Actuation type
Electrical
Nominal altitude of use above sea level
<= 2000 m NHN
Relative air humidity
0 - 95 %
Non-condensing
Contamination level
2
1/27/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com