Electronic Components Datasheet Search
  English  ▼

X  

8104664 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8104664
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8104664 Datasheet(HTML) 2 Page - Festo Corporation.

  8104664 Datasheet HTML 1Page - Festo Corporation. 8104664 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Min. load resistance of voltage output
2 kOhm
Precision analog output in ± %FS
1 %FS
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication not possible
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364-B1/B2-L
Temperature of medium
0 °C ... 50 °C
Degree of protection
IP65
Ambient temperature
0 °C ... 50 °C
Storage temperature
-20 °C ... 70 °C
Climatic category
3K3 as per EN 60721
Nominal altitude of use above sea level
< 3000 m NHN
Application note
The product is suitable for industrial purposes only. Radio interference
suppression measures may be required in residential areas.
Sound power level
62.5 dB(A)
Sound power level at a distance of 1 m
51.9 dB(A)
Product weight
365 g
Linearity
0.9 %FS
Hysteresis
0.4 %FS
Reproducibility
0.4 %FS
Overall accuracy
1.1 %FS
Temperature coefficient
0.02 %/K
Electrical connection 1, function
Actual value output
Setpoint input
Power supply
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
5
Electrical connection for input 1, connection pattern
00994083
Electrical connection 1, tightening torque
1.5 Nm
Type of mounting
With through-hole for M4 screw
With H-rail
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Max. tightening torque of pneumatic fitting
8.5 Nm
Note on materials
RoHS-compliant
Housing material
PA-reinforced
Seals material
HNBR
PTFE
1/27/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com