Electronic Components Datasheet Search
  English  ▼

X  

MAX98307 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX98307
Description  3.3W Mono Class DG Multilevel Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98307 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX98307 Datasheet HTML 1Page - Maxim Integrated Products MAX98307 Datasheet HTML 2Page - Maxim Integrated Products MAX98307 Datasheet HTML 3Page - Maxim Integrated Products MAX98307 Datasheet HTML 4Page - Maxim Integrated Products MAX98307 Datasheet HTML 5Page - Maxim Integrated Products MAX98307 Datasheet HTML 6Page - Maxim Integrated Products MAX98307 Datasheet HTML 7Page - Maxim Integrated Products MAX98307 Datasheet HTML 8Page - Maxim Integrated Products MAX98307 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(VPVDD = VCC = VSHDN = 3.6V, VPGND = VGND = 0V, ZL = 8Ω + 68µH between OUT+ and OUT-. [MAX98307 RIN+ = RIN- = 10kΩ,
RFB+ = RFB- = 20kΩ] CIN+ = CIN- = 0.33µF, AV = 14.5dB, AC measurement bandwidth 20Hz to 20kHz, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Gain
(MAX98308)
AV
GAIN = short to GND
20
20.5
21
dB
GAIN = 100kΩ pulldown to GND
17
17.5
18
GAIN = short to PVDD
14
14.5
15
GAIN = 100kΩ pullup to PVDD
11
11.5
12
GAIN = unconnected
8
8.5
9
Common-Mode Rejection Ratio
(MAX98308)
CMRR
fIN = 1kHz
65
dB
Output Power (MAX98307)
POUT
fIN = 1kHz,
THD+N = 1%
ZL = 8Ω + 68µH,
VPVDD = 3.6V
1.54
W
ZL = 8Ω + 68µH,
VPVDD = 4.2V
2
ZL = 8Ω + 68µH,
VPVDD = 5.0V
2.85
fIN = 1kHz,
THD+N = 10%
ZL = 8Ω + 68µH,
VPVDD = 3.6V
1.77
ZL = 8Ω + 68µH,
VPVDD = 4.2V
2.3
ZL = 8Ω + 68µH,
VPVDD = 5.0V
3.3
Output Power (MAX98308)
POUT
THD+N ≤ 1%
ZSPK = 8Ω + 68µH,
VPVDD = 3.6V
1.4
W
ZSPK = 8Ω + 68µH,
VPVDD = 4.2V
1.92
ZSPK = 8Ω + 68µH,
VPVDD = 5.0V
2.7
THD+N ≤ 10%
ZSPK = 8Ω + 68µH,
VPVDD = 3.6V
1.57
ZSPK = 8Ω + 68µH,
VPVDD = 4.2V
2.13
MAX98307/MAX98308
3.3W Mono Class DG Multilevel Audio Amplifier
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com