Electronic Components Datasheet Search
  English  ▼

X  

MAX98307ETE/V+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX98307ETE/V+
Description  3.3W Mono Class DG Multilevel Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98307ETE/V+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX98307ETE/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX98307ETE/V+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
(VPVDD = VCC = VSHDN = 3.6V, VPGND = VGND = 0V, ZL = 8Ω + 68µH between OUT+ and OUT-, AV = 14.5dB (MAX98307 RIN+ =
RIN- = 10kΩ, RFB+ = RFB- = 20kΩ), CIN+ = CIN- = 0.33μF, AC measurement bandwidth 20Hz to 20kHz.)
Typical Operating Characteristics (continued)
OUTPUT POWER vs. SUPPLY VOLTAGE
(MAX98307)
SUPPLY VOLTAGE (V)
5.0
4.6
3.0
3.4
3.8
4.2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2.6
5.4
THD+N = 10%
THD+N = 1%
fIN = 1kHz
EFFICIENCY vs. OUTPUT POWER
(MAX98307)
OUTPUT POWER (W)
1.0
0.8
0.6
0.4
0.2
10
20
30
40
50
60
70
80
90
0
0
1.2
VPVDD = 3.6V
fIN = 1kHz
OUTPUT POWER vs. SUPPLY VOLTAGE
(MAX98308)
SUPPLY VOLTAGE (V)
5.0
4.6
4.2
3.8
3.4
3.0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
0
2.6
5.4
fIN = 1kHz
THD+N = 1%
THD+N = 10%
THERMALLY LIMITED
EFFICIENCY vs. OUTPUT POWER
(MAX98307)
OUTPUT POWER (W)
10
20
30
40
50
60
70
80
90
0
VPVDD = 4.2V
fIN = 1kHz
1.4
1.2
0.8 1.0
0.4 0.6
0.2
0
1.6
GAIN vs. FREQUENCY
(MAX98308)
FREQUENCY (kHz)
10k
1k
100
-10
0
10
20
30
-20
10
100k
GAIN = UNCONNECTED
GAIN = 100kΩ TO VPVDD
GAIN = PGND
GAIN = VPVDD
GAIN = 100kΩ TO PGND
EFFICIENCY vs. OUTPUT POWER
(MAX98307)
OUTPUT POWER (W)
10
20
30
40
50
60
70
80
90
0
VPVDD = 5V
fIN = 1kHz
2.0
1.5
1.0
0.5
0
2.5
MAX98307/MAX98308
3.3W Mono Class DG Multilevel Audio Amplifier
Maxim Integrated │ 9
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com