Electronic Components Datasheet Search
  English  ▼

X  

MAX14802 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14802
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14802 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14802 Datasheet HTML 1Page - Maxim Integrated Products MAX14802 Datasheet HTML 2Page - Maxim Integrated Products MAX14802 Datasheet HTML 3Page - Maxim Integrated Products MAX14802 Datasheet HTML 4Page - Maxim Integrated Products MAX14802 Datasheet HTML 5Page - Maxim Integrated Products MAX14802 Datasheet HTML 6Page - Maxim Integrated Products MAX14802 Datasheet HTML 7Page - Maxim Integrated Products MAX14802 Datasheet HTML 8Page - Maxim Integrated Products MAX14802 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VDD = +2.7V to +5.5V, VPP = +40V to VNN + 250V, VNN = -40V to -160V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 1)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Switch-Off Leakage
ICOM_(OFF),
INO_(OFF) VCOM_, VNO_ = +100V or unconnected
0
2
µA
Switch-Off DC Offset
RL = 100kΩ
-30
+30
mV
Switch-Output Peak
Current
100ns pulse width, 0.1% duty cycle (Note 3)
3
A
Switch-Output COM_
Isolation Diode Current
300ns pulse width, 2% duty cycle (Note 3)
500
mA
SWITCH DYNAMIC CHARACTERISTICS
Turn-On Time
tON
VNO_ = +100V, RL = 10kΩ,
VNN = -100V
2
3.5
µs
Turn-Off Time
tOFF
VNO_ = +100V, RL = 10kΩ,
VNN = -100V
2
3.5
µs
Output Switching
Frequency
fSW
Duty cycle = 50%
50
kHz
Maximum VCOM_, VNO_
Slew Rate
dV/dt
(Note 3)
20
V/ns
Off-Isolation
VISO
f = 5MHz, RL = 1kΩ, CL = 15pF
-50
dB
f = 5MHz, RL = 50Ω
-77
Crosstalk
VCT
f = 5MHz, RL = 50Ω
-80
dB
COM_, NO_ Off-
Capacitance
CCOM_(OFF),
CNO_(OFF) VCOM_ = 0V, VNO_ = 0V, f = 1MHz (Note 3)
4
11
18
pF
COM_ On-Capacitance
CCOM_(ON) VCOM_ = 0V, f = 1MHz (Note 3)
20
36
56
pF
Output-Voltage Spike
VSPK
RL = 50Ω (Note 3)
-150
+150
mV
Small-Signal Analog
Bandwidth
fBW
VPP = +100V, VNN = -100V, CL = 200pF
20
MHz
Charge Injection
Q
VPP = +40V, VNN = -160V, VCOM_ = 0V
820
pC
VPP = +100V, VNN = -100V, VCOM_ = 0V
600
VPP = +160V, VNN = -40V, VCOM_ = 0V
350
LOGIC LEVELS
Logic-Input Low Voltage
VIL
0.75
V
Logic-Input High Voltage
VIH
VDD -
0.75
V
Logic-Output Low Voltage
VOL
ISINK = 1mA
0.4
V
Logic-Output High
Voltage
VOH
ISOURCE = 0.75mA
VDD -
0.5
V
Logic-Input Capacitance
CIN
(Note 3)
10
pF
Logic-Input Leakage
IIN
-1
+1
µA
MAX14802/MAX14803/
MAX14803A
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com