Electronic Components Datasheet Search
  English  ▼

X  

ZB6EB3B Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB6EB3B
Description  Complete body for pilot lights, Harmony XB6, green light block with body/fixing collar with integral LED 12...24 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6EB3B Datasheet(HTML) 2 Page - Schneider Electric

  ZB6EB3B Datasheet HTML 1Page - Schneider Electric ZB6EB3B Datasheet HTML 2Page - Schneider Electric ZB6EB3B Datasheet HTML 3Page - Schneider Electric ZB6EB3B Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical shock protection
class
Class II IEC 61140
Standards
JIS C 852
EN/IEC 60947-5-1
JIS C 4520
EN/IEC 60947-1
CSA C22.2 No 14
UL 508
EN/IEC 60947-5-5
Product Certifications
GOST
CSA
CCC
UL
Vibration resistance
+/- 3 mm 2…500 Hz)IEC 60068-2-6
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Resistance to fast transients
2 kV IEC 61000-4-4
Resistance to electromagnetic
fields
9.14 V/m (10 V/m) IEC 61000-4-3
Resistance to electrostatic
discharge
6 kV on contact (on metal parts) IEC 61000-2-6
8 kV in free air (in insulating parts) IEC 61000-2-6
Electromagnetic emission
Class B IEC 55011
Ordering and shipping details
Category
22459 - PUSHBUTTONS, 16MM
Discount Schedule
CS2
GTIN
3389110784268
Nbr. of units in pkg.
1
Package weight(Lbs)
0.11 oz (3 g)
Returnability
Yes
Country of origin
ES
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.79 in (2 cm)
Package 1 width
2.56 in (6.5 cm)
Package 1 Length
1.26 in (3.2 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
5
Package 2 Weight
0.56 oz (16 g)
Package 2 Height
0.79 in (2 cm)
Package 2 width
2.56 in (6.5 cm)
Package 2 Length
1.26 in (3.2 cm)
Unit Type of Package 3
S01
Number of Units in Package 3
200
Package 3 Weight
28.75 oz (815 g)
Package 3 Height
5.91 in (15 cm)
Package 3 width
5.91 in (15 cm)
Package 3 Length
15.75 in (40 cm)
2
Jan 26, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com