Electronic Components Datasheet Search
  English  ▼

X  

MAX4983E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4983E
Description  Hi-Speed USB 2.0 Switches with 짹15kV ESD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4983E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4983E Datasheet HTML 1Page - Maxim Integrated Products MAX4983E Datasheet HTML 2Page - Maxim Integrated Products MAX4983E Datasheet HTML 3Page - Maxim Integrated Products MAX4983E Datasheet HTML 4Page - Maxim Integrated Products MAX4983E Datasheet HTML 5Page - Maxim Integrated Products MAX4983E Datasheet HTML 6Page - Maxim Integrated Products MAX4983E Datasheet HTML 7Page - Maxim Integrated Products MAX4983E Datasheet HTML 8Page - Maxim Integrated Products MAX4983E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Hi-Speed USB 2.0 Switches
with ±15kV ESD
4
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
SWITCH IS ENABLED.
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND "OFF" NO_ OR NC_ TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO THE OTHER CHANNEL.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VOUT
CB
NC1
COM1
NO1*
VIN
MAX4983E/
MAX4984E
OFF-ISOLATION = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
0V OR VCC
50
Ω
*FOR CROSSTALK THIS PIN IS NO2.
NC2 AND COM2 ARE OPEN.
Figure 1. Off-Isolation and Crosstalk
tR < 5ns
tF < 5ns
50%
VIL
LOGIC
INPUT
RL
COM
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VIN_
(
RL
)
RL + RON
VIN_
VIH
tOFF
0V
NO
OR NC
0.9 x V0UT
0.1 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
CL
VOUT
MAX4983E/
MAX4984E
EN (EN)
Figure 2. Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com