Electronic Components Datasheet Search
  English  ▼

X  

LM27951 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27951
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27951 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27951 Datasheet HTML 1Page - National Semiconductor (TI) LM27951 Datasheet HTML 2Page - National Semiconductor (TI) LM27951 Datasheet HTML 3Page - National Semiconductor (TI) LM27951 Datasheet HTML 4Page - National Semiconductor (TI) LM27951 Datasheet HTML 5Page - National Semiconductor (TI) LM27951 Datasheet HTML 6Page - National Semiconductor (TI) LM27951 Datasheet HTML 7Page - National Semiconductor (TI) LM27951 Datasheet HTML 8Page - National Semiconductor (TI) LM27951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagram
LM27951
14-pin No-Pullback Leadless Leadframe Package (LLP-14)
4mm x 3mm x 0.8mm
NS Package Number SDA14A
20171702
Pin Descriptions
Pin
Name
Description
1
C2+
Flying Capacitor C2 Connection
2V
OUT
Pre-Regulated Charge Pump Output
3
C1+
Flying Capacitor C1 Connection
4
D4
Regulated Current Source Output.
5
D3
Regulated Current Source Output.
6
D2
Regulated Current Source Output.
7
D1
Regulated Current Source Output.
8I
SET
Current Set Input. Placing a resistor (R
SET) between this pin and GND sets
the LED current for all the LEDs. LED Current = 200 x (1.25V ÷ R
SET).
9
EN
Enable Logic Input Pin. Logic Low = Shut Down, Logic High = Enabled. There
is a 150k
Ω (typ.) resistor connected internally between the EN pin and GND.
10
PWM
Current Source Modulation Logic Input Pin. Logic Low = Off, Logic High = On.
Applying a Pulse Width Modulated (PWM) signal to this pin allows the
regulated current sources to be modulated without shutting down the internal
Charge Pump and the V
OUT node.
11
V
IN
Input Supply Range: 3.0V to 5.5V.
12
C2-
Flying Capacitor C2 Connection.
13
GND
Power Supply Ground Connection.
14
C1-
Flying Capacitor C1 Connection.
Ordering Information
Order Number
Package Description
Package Marking
Supplied as Tape and Reel
(Units)
LM27951SD
No-Pullback
LLP-14
XXXXX = ¢Z¢2¢X
YYYYY = D006B
1000
LM27951SDX
4500
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com