Electronic Components Datasheet Search
  English  ▼

X  

GFR381 Datasheet(PDF) 3 Page - IOGEAR

Part # GFR381
Description  SuperSpeed USB 3.0 Multi-Card Reader/Writer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GFR381 Datasheet(HTML) 3 Page - IOGEAR

  GFR381 Datasheet HTML 1Page - IOGEAR GFR381 Datasheet HTML 2Page - IOGEAR GFR381 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GFR381
Dimensions
GFR381
POP Information
10'' Peg Hook
5
6'' Peg Hook
3
Unit Dimensions
Height
0.5in (1.3cm)
Length
3.3in (8.4cm)
Depth
1.9in (4.8cm)
Inner Pack
Height
7.9in (20.1cm)
Length
6.4in (16.3cm)
Width
11.3in (28.7cm)
Inner Pack Qty.
6
Unit Package Dimensions
Height
7.5in (19.1cm)
Width
5.5in (14cm)
Depth
2in (5.1cm)
Master Carton
Height
8.5in (21.6cm)
Width
23.3in (59.2cm)
Depth
13.1in (33.3cm)
Master Carton Qty.
24
Weight
Master Carton Wt.
10.8lbs (4.9kgs)
Inner Pack Wt.
2.3lbs (1kg)
Unit Pack Wt.
0.3lb (0.14kgs)
Unit Wt.
0.1lb (0.05kgs)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com