Electronic Components Datasheet Search
  English  ▼

X  

MBDQ01 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # MBDQ01
Description  Power RF Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

MBDQ01 Datasheet(HTML) 1 Page - Polyfet RF Devices

  MBDQ01 Datasheet HTML 1Page - Polyfet RF Devices MBDQ01 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
MBDQ01
Power RF Amplifiers
Power =
Bandwidth =
Gain =
Vdd =
to
50 ohms Input/Output Impedance
Description
The MBDQ01 is a 30 Watt, single stage
amplifier module covering a bandwidth of
30-470 Mhz. This compact module design is
suitable for military applications in a rugged
environment. An ALC pin out is provided to
control the output power of the module. The
MADQ01 is designed as the input driver for the
MBDQ01 module.
Absolute Maximum Ratings
o
Parameter
Symbol
Value
Unit
DC supply Voltage 1
VDD1
V
32.0
DC supply Voltage 2
VDD2
V
Input Power
Pin
W
6.00
Output Power
Pout
W
50.0
Operating Case Temp.
Tc
C
-20 to +85
Storage Temperature
Tstg
o
-30 to +100
Electrical Characteristics: (
o
28.0 Volts )
Parameter
Symbol
Min
Unit
Frequency Range
BW
Mhz
30
Outut Power
Po
Watts
30.0
Power Gain
PG
dB
10.0
Total Efficiency
h
%
40
2nd Harmonics
dso
dBc
Intermod - 2 tone
Ip3
dBm
Max
470
Typical
Test Conditions
50 ohm load
Idq =
-20.00
@ Pout =
@ Pout =
@ Pout =
Watts
Watts
W. Freq =
Mhz
1.20 Amps
30.0
30.0
30.0
250
Freq =
Mhz;
250
Load Mismatch Tolerance
VSWR
10:1
Relative
All Phase Angles
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 URL:www.polyfet.com
REVISION
01/17/2006
30.0
30
470 Mhz
10.0
28.0 Volts
dB
Watts
(T=25 C)
T=25 C Zs=Zl=50 ohms. Vdd=
W
AvePwr=
C
o
AGC Voltage
VAGC
V
8.00


Similar Part No. - MBDQ01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBD-153-AL ETC2-MBD-153-AL Datasheet
133Kb / 5P
Low TCR, 1mW Dual Rejustor??Micro-Resistor
MBD-153-KL ETC2-MBD-153-KL Datasheet
133Kb / 5P
Low TCR, 1mW Dual Rejustor??Micro-Resistor
logo
Mini-Circuits
MBD-20-63HP MINI-MBD-20-63HP Datasheet
321Kb / 1P
Bi-Directional Coupler
MBD-20-63HP+ MINI-MBD-20-63HP+ Datasheet
321Kb / 1P
Bi-Directional Coupler
logo
List of Unclassifed Man...
MBD-333-AL ETC2-MBD-333-AL Datasheet
133Kb / 5P
Low TCR, 1mW Dual Rejustor??Micro-Resistor
More results

Similar Description - MBDQ01

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
MADK21 POLYFET-MADK21 Datasheet
75Kb / 2P
Power RF Amplifiers
MADL01 POLYFET-MADL01 Datasheet
42Kb / 2P
Power RF Amplifiers
MADQ01 POLYFET-MADQ01 Datasheet
87Kb / 2P
Power RF Amplifiers
MADQ02 POLYFET-MADQ02 Datasheet
85Kb / 2P
Power RF Amplifiers
MDDQ02 POLYFET-MDDQ02 Datasheet
85Kb / 2P
Power RF Amplifiers
MGDQ01 POLYFET-MGDQ01 Datasheet
86Kb / 2P
Power RF Amplifiers
PHM017 POLYFET-PHM017 Datasheet
44Kb / 2P
Power RF Amplifiers
PHM017-3 POLYFET-PHM017-3 Datasheet
42Kb / 2P
Power RF Amplifiers
PHM020 POLYFET-PHM020 Datasheet
46Kb / 2P
Power RF Amplifiers
PHM022 POLYFET-PHM022 Datasheet
41Kb / 2P
Power RF Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com