Electronic Components Datasheet Search
  English  ▼

X  

GUB231 Datasheet(PDF) 2 Page - IOGEAR

Part # GUB231
Description  2-Port USB 2.0 Automatic Printer Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUB231 Datasheet(HTML) 2 Page - IOGEAR

  GUB231 Datasheet HTML 1Page - IOGEAR GUB231 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
For PC Users
• Windows 7, Windows 8.1,
Windows 10
• Available USB port
• Chrome Book
• Linux®, Unix and other
USB supported systems*
*Additional drivers and
support may be needed
For MAC Users
• Mac 10.6 and above
• Available USB port
Package Contents
1 x USB 2.0 Auto
Switch
1 x 6 ft. USB A-B
Cable
1 x User Manual
1 x Registration /
Warranty Card
Specifications
Function
GUB231
Computer Connections
Direct
USB Type B to Type A
Connectors
Console
1 x USB Type A
Device Side
2 x USB Type B
Environment
Humidity
0-80% RH
Operation Temperature
41 to 104 degree Fahrenheit
Storage Temperature
-4 to 140 degree Fahrenheit
LEDs
Port Status
Green - Online / Orange - Locked
Host Status
Orange - Online
Operating System Support
Windows XP and above; Mac: 10.4.5, 10.5
and above
Power Consumption
DC 5V, 2.5W
Power Supply
USB Bus powered
Dimensions
GUB231
POP Information
10'' Peg Hook
4
6'' Peg Hook
3
Unit Dimensions
Height
2.75"
Depth
1"
Width
2.5"
Unit Package Dimensions
Height
7.25"
Width
6"
Depth
2.25"
Master Carton
Height
7"
Width
8"
Depth
15"
Master Carton Qty.
6
Weight
Master Carton Wt.
4.5 lb.
Unit Pack Wt.
0.65 lb.
Unit Wt.
0.1 lb.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com