Electronic Components Datasheet Search
  English  ▼

X  

GUCE51 Datasheet(PDF) 3 Page - IOGEAR

Part # GUCE51
Description  USB Ethernet Extender (TAA Compliance)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUCE51 Datasheet(HTML) 3 Page - IOGEAR

  GUCE51 Datasheet HTML 1Page - IOGEAR GUCE51 Datasheet HTML 2Page - IOGEAR GUCE51 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GUCE51
Housing
Case
Plastic
Power
Voltage
5.0 V
Amps
300mA
Power Consumption
5.0 V; 300mA
Operating Temperature
0 to 40 degrees (Celsius)
Storage Temperature
0 to 70 degrees (Celsius)
Operating System Support
Windows XP®, Windows Vista®, Windows®
7, Windows® 8, Windows® 8.1 / Mac OS X
v8.6 and above / Linux Kernel / Google
Chrome OS?
USB Specification
USB 1.1 compliant
Humidity
20-80% RH, (Non Condensing)
USB bandwidth
12 Mbps (1.5MBps)
Dimensions
GUCE51
Unit Dimensions
Height
0.93 in. (2.3 cm.)
Length
18.0 in. (45.0 cm.) Local Units Cable Length
Depth
1.93 in. (4.9 cm.)
Width
1.31 in. (3.3 cm.)
Inner Pack
Height
11.5"
Length
12.13"
Width
17.25 "
Inner Pack Qty.
20
Unit Package Dimensions
Height
6 in.
Width
8.38 in.
Depth
2.13 in.
Master Carton
Height
24 in.
Width
17.88 in.
Depth
13 in.
Master Carton Qty.
40
Weight
Master Carton Wt.
20.35 lb.
Inner Pack Wt.
9.05 lb.
Unit Pack Wt.
0.4 lb.
Unit Wt.
0.20 lb.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com