Electronic Components Datasheet Search
  English  ▼

X  

1414797 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1414797
Description  Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1414797 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1414797 Datasheet HTML 1Page - PHOENIX CONTACT 1414797 Datasheet HTML 2Page - PHOENIX CONTACT 1414797 Datasheet HTML 3Page - PHOENIX CONTACT 1414797 Datasheet HTML 4Page - PHOENIX CONTACT 1414797 Datasheet HTML 5Page - PHOENIX CONTACT 1414797 Datasheet HTML 6Page - PHOENIX CONTACT 1414797 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1414797
02/03/2022   Page 1 / 7
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH - 1414797
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power cable, 5-position, PVC, orange RAL 2003, shielded (Advanced Shielding Technology), Socket straight
M12, coding: K, on free cable end, cable length: 3 m, for AC current up to 16 A/690 V
Your advantages
 Easy and safe: 100% electrically tested plug-in components
 Protection against mismatching, thanks to special K-coding
 Shield power reliably – 360° shielding to reduce electromagnetic loads
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626034317
Technical data
Dimensions
Length of cable
3 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP65
IP67
General
Rated current at 40°C
16 A
Rated voltage
690 V AC
Number of positions
5
Color handle area
black
Insulation resistance
≥ 100 MΩ


Similar Part No. - 1414797

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414790 PHOENIX-1414790 Datasheet
145Kb / 10P
Power cable - SAC-5P- 3,0-280/M12FSL FE
09/11/2020
1414791 PHOENIX-1414791 Datasheet
562Kb / 18P
SAC-5P- 3,0-280/M12FSL FE SH - Power cable
1414792 PHOENIX-1414792 Datasheet
634Kb / 18P
SAC-5P- 3,0-PVC/M12FRK PE - Power cable
1414794 PHOENIX-1414794 Datasheet
116Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1414795 PHOENIX-1414795 Datasheet
566Kb / 18P
SAC-5P- 3,0-500/M12FRL FE SH - Power cable
More results

Similar Description - 1414797

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407788 PHOENIX-1407788 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P- 3,0-PUR/FS SH SCO
1415946 PHOENIX-1415946 Datasheet
84Kb / 3P
Sensor/Actuator cable - SAC-5P- 3,0-PVC/AD-2L
1414790 PHOENIX-1414790 Datasheet
145Kb / 10P
Power cable - SAC-5P- 3,0-280/M12FSL FE
09/11/2020
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
1457160 PHOENIX-1457160 Datasheet
121Kb / 9P
Sensor/actuator cable - SAC-5P- 3,0-802/M12FS
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1476886 PHOENIX-1476886 Datasheet
1Mb / 8P
SAC-5P- 3,0-PUR/P12FR SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476902 PHOENIX-1476902 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476898 PHOENIX-1476898 Datasheet
433Kb / 8P
SAC-5P-P12MR/ 3,0-PUR SH - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com