Electronic Components Datasheet Search
  English  ▼

X  

TPCP8201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8201
Description  Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8201 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8201 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCP8201
2004-07-06
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8201
Portable Equipment Applications
Motor Drive Applications
DC-DC Converter Applications
• Lead(Pb)-Free
• Low drain-source ON resistance
: RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance
:|Yfs| = 7.0 S (typ.)
• Low leakage current
: IDSS = 10 µA (VDS = 30 V)
• Enhancement mode
: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1mA)
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
4.2
Drain current
Pulse
(Note 1)
IDP
16.8
A
Single-device operation
(Note 3a)
PD (1)
1.48
Drain power
dissipation
(t
= 5 s)
(Note 2a)
Single-device value at
dual operation
(Note 3b)
PD (2)
1.23
Single-device operation
(Note 3a)
PD (1)
0.58
Drain power
dissipation
(t
= 5 s)
(Note 2b)
Single-device value at
dual operation
(Note 3b)
PD (2)
0.36
W
Single pulse avalanche energy
(Note 4)
EAS
2.86
mJ
Avalanche current
IAR
2.1
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.12
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For Notes 1 to 6, refer to the next page.
This transistor is an electrostatic-sensitive device. Handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3V1G
Weight: 0.017 g (typ.)
Circuit Configuration
Marking (Note 6)
8201
1
2
3
4
8
7
6
5
*
Lot No.
1
2
3
4
8
7
6
5
0.33±0.05
0.28
+0.1
-0.11
1.12
+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12
+0.13
-0.12
0.28
+0.1
-0.11
1.Source1
2.Gate1
3.Source2
4.Gate2
5.Drain2
6.Drain2
7.Drain1
8.Drain1


Similar Part No. - TPCP8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
TPCP8201 TOSHIBA-TPCP8201 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
More results

Similar Description - TPCP8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6012 TOSHIBA-TPC6012 Datasheet
217Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8002 TOSHIBA-TPCF8002 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com