Electronic Components Datasheet Search
  English  ▼

X  

Z040 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # Z040
Description  Zener Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

Z040 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  Z040 Datasheet HTML 1Page - Pepperl+Fuchs Inc. Z040 Datasheet HTML 2Page - Pepperl+Fuchs Inc. Z040 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Zener Barrier
Z040
< 2-channel
< DC version, positive polarity
< Working voltage 1 V at 1 µA
< Series resistance max. 50 Ω
< Fuse rating 100 mA
< DIN rail mountable
Function
The Zener Barrier prevents the transfer of unacceptably high energy from the safe area into the hazardous area.
The zener diodes in the Zener Barrier are connected in the reverse direction. The breakdown voltage of the diodes is not exceeded in normal
operation. If this voltage is exceeded, due to a fault in the safe area, the diodes start to conduct, causing the fuse to blow. The Zener Barrier has a
positive polarity, i. e. the anodes of the zener diodes are grounded.
Depending on the application, increased or decreased intrinsic safety parameters apply for serial or parallel connection. For the detailed
parameters refer to the Zener Barrier certificate. Application examples can be found in the system description of the Zener Barriers.
Connection
3
1
6
8
2
7
4
5
Zone 2
Div. 2
Zone 0, 1, 2
Div. 1, 2
+
-
x3
x3
Technical Data
General specifications
Type
DC version, positive polarity
Electrical specifications
Nominal resistance
48.5 Ω
Series resistance
max. 50 Ω
Fuse rating
100 mA
Hazardous area connection
Connection
terminals 1, 2; 3, 4
Safe area connection
Connection
terminals 5, 6; 7, 8
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - Z040

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
Z0402C100APMST KEMET-Z0402C100APMST Datasheet
58Kb / 1P
KEMET, Z-PMS, Ferrite Beads, Noise Suppression, 30 mOhms
Z0402C100ASMST KEMET-Z0402C100ASMST Datasheet
56Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 50 mOhms
Z0402C100CSMST KEMET-Z0402C100CSMST Datasheet
56Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 150 mOhms
Z0402C102ASMST KEMET-Z0402C102ASMST Datasheet
58Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 180 mOhms
Z0402C102BSMST KEMET-Z0402C102BSMST Datasheet
56Kb / 1P
KEMET, Z-SMS, Ferrite Beads, Noise Suppression, 800 mOhms
More results

Similar Description - Z040

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
Z787.F PF-Z787.F Datasheet
625Kb / 3P
Zener Barrier
Z788.R PF-Z788.R Datasheet
616Kb / 3P
Zener Barrier
Z789 PF-Z789 Datasheet
566Kb / 3P
Zener Barrier
Z810.CL PF-Z810.CL Datasheet
613Kb / 3P
Zener Barrier
Z813 PF-Z813 Datasheet
612Kb / 3P
Zener Barrier
Z828.H.F PF-Z828.H.F Datasheet
619Kb / 3P
Zener Barrier
Z828 PF-Z828 Datasheet
612Kb / 3P
Zener Barrier
Z864 PF-Z864 Datasheet
614Kb / 3P
Zener Barrier
Z865.F PF-Z865.F Datasheet
622Kb / 3P
Zener Barrier
Z896 PF-Z896 Datasheet
615Kb / 3P
Zener Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com