Electronic Components Datasheet Search
  English  ▼

X  

MAX14600 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14600
Description  USB Host Charger Identification/ Adapter Emulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14600 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14600 Datasheet HTML 1Page - Maxim Integrated Products MAX14600 Datasheet HTML 2Page - Maxim Integrated Products MAX14600 Datasheet HTML 3Page - Maxim Integrated Products MAX14600 Datasheet HTML 4Page - Maxim Integrated Products MAX14600 Datasheet HTML 5Page - Maxim Integrated Products MAX14600 Datasheet HTML 6Page - Maxim Integrated Products MAX14600 Datasheet HTML 7Page - Maxim Integrated Products MAX14600 Datasheet HTML 8Page - Maxim Integrated Products MAX14600 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VCC = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5.0V, TA = +25°C.) (Note 2)
Note 2: All units are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 3: The device is operational from 3.0V to 5.5V. However, to have the valid Apple resistor-divider network, the VCC supply must
stay within 4.75V to 5.25V.
Note 4: Guaranteed by design.
Note 5: Does not include the delay by the state machine.
Note 6: For BC1.2 CDP compliance, VCC,MIN = 4.75V, VCC,MAX = 5.25V.
Figure 1. Switching Time
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (CB0, CB1)
CB0/CB1 Input Logic-High
VIH
1.4
V
CB0/CB1 Input Logic-Low
VIL
0.4
V
CB0/CB1 Input Leakage Current
IIN
VCC = 5.5V, 0V ≤ VIN ≤ VIL or
VIH ≤ VIN ≤ VCC
-1
+1
µA
CEN/CEN OUTPUTS
VBUS Toggle Time
tVBT
CB0 = VIL to VIH or VIH to VIL
1
2
3
s
CEN Output Logic-High Voltage
CB0 = VIL to VIH, ISOURCE = 2mA
VCC -
0.4
V
CEN Output Leakage Current
VCC = 5.5V, VCEN = 0V, CEN deasserted
1
µA
CEN Output Logic-Low Voltage
CB0 = VIL to VIH, ISINK = 2mA
0.4
V
CEN Output Leakage Current
VCC = VCEN = 5.5V, CEN deasserted
1
µA
ESD PROTECTION
ESD Protection Level
VESD
HBM
±2
kV
tr < 5ns
tf < 5ns
50%
VIL
LOGIC
INPUT
RL
D_
GND
CB0
CB1*
VIN
VIH
tOFF
0V
TD_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
*NOT AVAILABLE ON MAX14602/MAX14605.
VCC
CL
VCC
VOUT
MAX14600–
MAX14605/MAX14618
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VIN
RL
RL + RON
MAX14600–MAX14605/
MAX14618
USB Host Charger Identification/
Adapter Emulators
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com