Electronic Components Datasheet Search
  English  ▼

X  

TLCY610. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLCY610.
Description  Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCY610. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLCY610. Datasheet HTML 1Page - Vishay Siliconix TLCY610. Datasheet HTML 2Page - Vishay Siliconix TLCY610. Datasheet HTML 3Page - Vishay Siliconix TLCY610. Datasheet HTML 4Page - Vishay Siliconix TLCY610. Datasheet HTML 5Page - Vishay Siliconix TLCY610. Datasheet HTML 6Page - Vishay Siliconix TLCY610. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLCY610.
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 27-Sep-2021
1
Document Number: 81468
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
DESCRIPTION
The TLCY61.. series is a clear, non-diffused 5 mm LED for
high end applications where supreme luminous intensity
required.
These lamps with clear untinted plastic case utilize the
highly developed ultrabright AlInGaP (AS).
The lens and the viewing angle is optimized to achieve best
performance of light output and visibility.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
•Package: 5 mm
• Product series: power
• Angle of half intensity: ± 9°
FEATURES
• Untinted non-diffused lens
• Utilizing ultrabright AllnGaP (AS)
• High luminous intensity
• High operating temperature: Tj (chip junction
temperature) up to 125 °C for AllnGaP devices
• Luminous intensity and color categorized for
each packing unit
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Interior and exterior lighting
• Outdoor LED panels
• Instrumentation and front panel indicators
• Central high mounted stop lights (CHMSL) for motor
vehicles
• Replaces incandescent lamps
• Traffic signals
• Light guide design
Note
(1) Not for new designs
Note
(1)
Driving the LED in reverse direction is suitable for a short term application
19224
PARTS TABLE
PART
COLO
R
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX
.
MIN.
TYP.
MAX.
TLCY6100
Yellow
3200
7500
-
50
585
590
597
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCY6100-AS21
Yellow
3200
7500
-
50
585
590
597
50
-
2.1
2.7
50
AllnGaP on GaAs
TLCY6101-ASZ (1)
Yellow
5750
-
20 000
50
585
590
597
50
-
2.1
2.7
50
AllnGaP on GaAs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLCY610.
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
5V
DC forward current
Tamb
≤ 85 °C
IF
50
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
PV
135
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction to ambient
RthJA
300
K/W


Similar Part No. - TLCY610.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLCY610. VISHAY-TLCY610. Datasheet
185Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
More results

Similar Description - TLCY610.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
Ultrabright LED, 5 mm Untinted Non-Diffused Package
29-Apr-13
VLHW5100 VISHAY-VLHW5100 Datasheet
819Kb / 6P
Ultrabright White LED, Ø 5 mm Untinted Non-Diffused Package
29-Apr-13
TLCX510 VISHAY-TLCX510 Datasheet
163Kb / 13P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
16-May-2019
TLCS5100 VISHAY-TLCS5100 Datasheet
201Kb / 10P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
18-Jul-2022
TLCPG5100 VISHAY-TLCPG5100_V01 Datasheet
202Kb / 10P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
18-Jul-2022
TLCY5200 VISHAY-TLCY5200_V02 Datasheet
108Kb / 5P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
09-May-2022
TLCY5800 VISHAY-TLCY5800_V02 Datasheet
146Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLCY610 VISHAY-TLCY610_V02 Datasheet
185Kb / 7P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
27-Sep-2021
TLCR6200 VISHAY-TLCR6200_V02 Datasheet
187Kb / 6P
Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
24-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com