Electronic Components Datasheet Search
  English  ▼

X  

5213 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5213
Description  IEC Appliance Outlet J, Snap-in Mounting, Front Side, Quick-connect Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5213 Datasheet(HTML) 2 Page - Schurter Inc.

  5213 Datasheet HTML 1Page - Schurter Inc. 5213 Datasheet HTML 2Page - Schurter Inc. 5213 Datasheet HTML 3Page - Schurter Inc. 5213 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors (Inlets/Outlets)
5213
https://www.schurter.com /PG07
Connectors
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
IEC 60320-3
Appliance couplers for household and similar general purposes
Designed according to
UL 498
Standard for Attachment Plugs and Receptacles
Designed according to
CSA C22.2 no. 42
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
UKCA declaration of conformity
SCHURTER AG
The UKCA marking declares that the product complies with the applicable
requirements laid down in the British Amendment of Regulation (EC)
765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
37.4
42
37.50
3.10
13
+0.2
- 0
"S"
6.3 x 0.8
37.30
Length of the terminal please find at the order code configuration table
Dimension "S" please ref. to table order code
Config. Code
5213
|-|H|-|A|B|C|0-|D|-|E|G|
The characters are placeholders for the correspondingly keys of selections from the key tables.
5213
|-|H|-|A|B|C|0-|D|-|E|G| = Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com