Electronic Components Datasheet Search
  English  ▼

X  

LN151 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN151
Description  GaAs Infrared Light Emitting Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN151 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN151 Datasheet HTML 1Page - Panasonic Semiconductor LN151 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Infrared Light Emitting Diodes
LN151L
Glass lens
1: Anode
2: Cathode
Unit : mm
Unit : mm
ø4.6
±0.15
Glass window
2.54
±0.25
ø5.75 max.
2-ø0.45
±0.05
1
2
LN151F
1: Anode
2: Cathode
ø4.6
±0.15
2.54
±0.25
ø5.75 max.
2-ø0.45
± 0.05
1
2
LN151F, LN151L
GaAs Infrared Light Emitting Diodes
For optical control systems
Features
High-power output, high-efficiency : PO = 7.5 mW (typ.)
Fast response and high-speed modulation capability :
tr, tf = 1 µs (typ.)
Infrared light emission close to monochromatic light :
λ
P = 950 nm (typ.)
Narrow directivity, suitable for effective use of radiant power
(LN151L)
Wide directivity, matched for external optical systems (LN151F)
TO-18 standard type package
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Power dissipation
PD
160
mW
Forward current (DC)
IF
100
mA
Pulse forward current
IFP*
2A
Reverse voltage (DC)
VR
3V
Operating ambient temperature
Topr
–25 to +100
˚C
Storage temperature
Tstg
–30 to+100
˚C
* f = 100 Hz, Duty cycle = 0.1 %
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Radiant power
PO
IF = 100mA
5
7.5
mW
Peak emission wavelength
λ
P
IF = 100mA
950
nm
Spectral half band width
∆λ
IF = 100mA
50
nm
Forward voltage (DC)
VF
IF = 100mA
1.3
1.6
V
Reverse current (DC)
IR
VR = 3V
10
µA
Capacitance between pins
Ct
VR = 0V, f = 1MHz
60
pF
Rise time
tr
IFP = 100mA
1
µs
Fall time
tf
1
µs
Half-power angle
LN151F
θ
The angle in which radiant intencity is 50%
32
deg.
LN151L
8
deg.


Similar Part No. - LN151

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LN15 SAMSUNG-LN15 Datasheet
107Kb / 2P
Single Jacket Non-Armored
logo
Panasonic Semiconductor
LN152 PANASONIC-LN152 Datasheet
36Kb / 2P
GaAs Infrared Light Emitting Diode
logo
Beijing Yaohuadechang E...
LN152-1 YHDC-LN152-1 Datasheet
579Kb / 1P
LN series common mode choke
LN152-10 YHDC-LN152-10 Datasheet
599Kb / 1P
LN series common mode choke
LN152-2 YHDC-LN152-2 Datasheet
578Kb / 1P
LN series common mode choke
More results

Similar Description - LN151

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN51F PANASONIC-LN51F Datasheet
45Kb / 2P
GaAs Infrared Light Emitting Diodes
LN59-LNA2702L PANASONIC-LN59-LNA2702L Datasheet
69Kb / 3P
GaAs Bi-directional Infrared Light Emitting Diodes
logo
PerkinElmer Optoelectro...
VTE3322LA PERKINELMER-VTE3322LA Datasheet
22Kb / 1P
GaAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
EL-23G KODENSHI-EL-23G Datasheet
190Kb / 2P
Infrared Emitting Diodes(GaAs)
EL-305 KODENSHI-EL-305 Datasheet
201Kb / 2P
Infrared Emitting Diodes(GaAs)
EL-315 KODENSHI-EL-315 Datasheet
192Kb / 2P
Infrared Emitting Diodes(GaAs)
EL-325 KODENSHI-EL-325 Datasheet
74Kb / 2P
Infrared Emitting Diodes(GaAs)
EL6F11 KODENSHI-EL6F11 Datasheet
205Kb / 2P
Infrared Emitting Diodes(GaAs)
KEL55L KODENSHI-KEL55L Datasheet
168Kb / 2P
Infrared Emitting Diodes(GaAs)
KET511 KODENSHI-KET511 Datasheet
385Kb / 2P
Infrared Emitting Diodes(GaAs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com