Electronic Components Datasheet Search
  English  ▼

X  

CSC16ACW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSC16ACW
Description  Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC16ACW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSC16ACW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC16ACW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC16ACW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC16ACW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-Device Charging Station, 16 AC Outlets,
Chromebooks and Laptops, White
MODEL NUMBER: CSC16ACW
Locking steel cabinet provides AC charging, secure storage and cord management for up to 16
Chromebooks and laptops. Recommended for education, office, commercial, retail, industrial and
healthcare environments.
Description
The CSC16ACW 16-Device AC Charging Station Cabinet provides AC charging, secure storage and cord
management for up to 16 Chromebooks and laptops. It's recommended for education, office, commercial,
retail, industrial and healthcare environments.
16 AC outlets provide convenient charging for Chromebooks and laptops with a screen size up to 15
inches. Their AC adapters plug into the cabinet's 16 NEMA 5-15R outlets as needed, up to 1,440 total
watts. The CSC16ACW also charges tablets and other USB devices through their power adapters. A built-
in circuit breaker protects against overloads. The 10-ft. (3.05 m) AC input cord with NEMA 5-15P plug
reaches distant outlets to help you place the cart in a convenient location.
The cabinet promotes comprehensive device protection with steel construction and a white powder-coated
finish for long-term durability. It locks with the included keys to help prevent device theft, damage or
tampering, and flow-through ventilation helps prevent overheating.
The cabinet also encourages clutter-reducing organization of devices and cabling. AC outlets, power
adapters and cords store out of sight. A toolless trim panel permits quick service access.
The cabinet is easy to configure. The cabinet It ships fully assembled. and supports mounting to a wall,
desk, table, counter or floor. The front doors open 180 degrees for improved device and service access.
Rear-panel slots support optional wall-mount installation, and removable dividers accommodate thicker
devices. You can also convert it the cabinet to a mobile cart with Tripp Lite's optional CSHANDLEKIT2
(sold separately), and roll it where needed.
Features
Convenient ChargingCharges 16 Chromebooks and laptops up to 15 in. screen sizeDevice power
adapters plug into NEMA 5-15R outlets (up to 1,440 watts total)Also charges tablets and other USB
devices through their power adaptersBuilt-in circuit breaker protects against overloads10-ft. (3.05 m) AC
input cord with NEMA 5-15P plug reaches distant outlets
Comprehensive ProtectionSturdy steel construction and powder-coated finish promote long-term
durabilityDoors lock with included keys to help prevent device theft, damage or tampering3-point locking
mechanism latches doors at top, middle and bottomBuilt-in hasp and user-supplied padlock can replace or
supplement built-in lockRear ports accommodate user-supplied bicycle cable or chain lockFlow-through
ventilation helps prevent devices from overheatingProtective shelf specially coated to avoid device
scratches and scuffsCord access ports with rubber grommets protect against abrasionsSolid top work
surface helps avoid accidental drips and spills that could damage devices
Clutter-Reducing OrganizationAC outlets, power adapters and cords store out of sightToolless trim
Highlights
Charges 16 Chromebooks and
laptops up to 15 in. screen size
q
Secures devices in locking,
vented steel cabinet with cart
option
q
Protective shelf with removable
dividers and cord management
q
Supports mounting to wall, desk,
table, counter or floor
q
Ships fully assembled for quick,
easy installation
q
Package Includes
CSC16ACW 16-Device AC
Charging Station Cabinet, White
q
(2) Keys
q
Owner’s manual
q
1 / 4


Similar Part No. - CSC16ACW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
More results

Similar Description - CSC16ACW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSC32ACW TRIPPLITE-CSC32ACW Datasheet
186Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
logo
Advantech Co., Ltd.
AIM-38 ADVANTECH-AIM-38_V01 Datasheet
206Kb / 1P
Multi-Bay Charging Station for AIM-38
8-Aug-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com