Electronic Components Datasheet Search
  English  ▼

X  

DDR1732DAL Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1732DAL
Description  Dual-Display Flex-Arm Mount for 13??to 34??Monitors - Clamp or Grommet, USB, Audio Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1732DAL Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1732DAL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1732DAL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Dual-Display Flex-Arm Mount for 13” to 34”
Monitors - Clamp or Grommet, USB, Audio Ports
MODEL NUMBER: DDR1732DAL
Aluminum desk clamp mounts most 13- to 34-inch monitors at a comfortable height to free up valuable
space on your desk or work area.
Features
Rugged Aluminum Desk Clamp Lifts Your Monitors Above Your Work Area’s Surface
This VESA-compliant desktop clamp mounts two flat- or curved-screen displays above your desk, table or
workstation, allowing you to free up valuable surface space. Recommended for home or office use, the
DDR1732DAL will fit most flat- and curved-panel monitors from 13 to 34 inches. The durable aluminum
frame tolerates frequent adjustments, and the two swiveling aluminum arms support up to 19.8 pounds
(8.9 kg) apiece. Instead of clamping the unit to your desktop, you may install it using the included
grommet. All hardware is included.
Swivel, Tilt and Rotate the Dual Screens to Find the Most Comfortable Viewing Angles
The flex arms adjust independently to optimize viewing angles, minimize glare and improve ergonomics.
To minimize screen glare, reduce eye fatigue and increase viewing comfort, the mount features -90° to
+90° tilt, -90° to +90° swivel and 90° rotation for positioning your screens. Easy screen adjustment lets
you quickly find just the right angles without interrupting your workday.
Connect Your Favorite Devices to Help You Get Through the Workday
The base of the DDR1732DAL features a USB 3.0 port for connecting a smartphone or other USB device.
Two 3.5 mm audio jacks allow connection of a microphone and speakers.
VESA-Compliant Mounting Ensures Display Compatibility
VESA (Video Electronics Standards Association) promotes uniformity in the video electronics industry by
developing standards for TVs and monitors. For hassle-free display compatibility, this monitor stand
supports the following VESA mounting hole patterns: 75 x 75 and 100 x 100.
Highlights
Sturdy aluminum frame clamps
securely to your desk for
mounting twin displays
q
-90° to +90° tilt, -90° to +90°
swivel and 90° rotation help you
find the perfect angle
q
Base includes a USB 3.0 port
and dual 3.5 mm audio ports for
connecting peripherals
q
Durable aluminum flex arms
blend into any décor and
support up to 19.8 lb. each
q
VESA compliance ensures
compatibility with 75 x 75 and
100 x 100 mounting patterns
q
Applications
Lift 2 monitors above your
standing desk or workstation to
free up valuable surface space
q
Swivel, tilt and/or rotate your
screens for the most
comfortable viewing angle
q
System Requirements
Flat- and curved-screen monitors
from 13 to 34 in.
Package Includes
DDR1732DAL Dual-Display
Flex-Arm Desktop Clamp
q
Mounting hardware
q
Owner’s manual
q
OVERVIEW
UPC Code
037332262509
1 / 2


Similar Part No. - DDR1732DAL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR1732SAL TRIPPLITE-DDR1732SAL Datasheet
174Kb / 2P
Single-Display Flex-Arm Desktop Clamp for 13??to 34??Displays - USB and Audio Ports, Aluminum
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
More results

Similar Description - DDR1732DAL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3383 ADVANTECH-ARK-3383 Datasheet
442Kb / 2P
Seven USB 2.0 Ports, Four Serial Ports, and Dual LAN Audio Compact System
logo
Tripp Lite. All Rights ...
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SQFC TRIPPLITE-DDR1327SQFC Datasheet
496Kb / 2P
Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1727DC TRIPPLITE-DDR1727DC Datasheet
166Kb / 2P
Dual-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 27??Monitors
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
DDR1730TAL TRIPPLITE-DDR1730TAL Datasheet
182Kb / 2P
Triple-Display Flex-Arm Desktop Clamp for 17??to 30??Flat-Screen Displays - USB and Audio Ports, Aluminum
DDR1732SAL TRIPPLITE-DDR1732SAL Datasheet
174Kb / 2P
Single-Display Flex-Arm Desktop Clamp for 13??to 34??Displays - USB and Audio Ports, Aluminum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com