Electronic Components Datasheet Search
  English  ▼

X  

GDPDVIW6 Datasheet(PDF) 1 Page - IOGEAR

Part # GDPDVIW6
Description  DisplayPort to DVI Adapter Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDPDVIW6 Datasheet(HTML) 1 Page - IOGEAR

  GDPDVIW6 Datasheet HTML 1Page - IOGEAR GDPDVIW6 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDPDVIW6
DisplayPort to DVI Adapter
Cable
Converts your DisplayPort to DVI so you can connect to your
DVI projector, TV or monitor
Works with computer systems using DisplayPort
Compliant with DisplayPort Specification 1.1a for both 1.62
Gbps and 2.7 Gbps
Support full DisplayPort link tracking
Compliant with DVI 1.0 up to 1.65 Gbps
DisplayPort to DVI Adapter
IOGEAR's DisplayPort to DVI adapter allows you to connect a DisplayPort-based video card on your PC to a DVI-based display or
projector. IOGEAR's DisplayPort to DVI adapter is great for use in an office or classroom setting when you want to display content
from your DisplayPort enabled devices on a large external DVI display or DVI projector.
High Resolution Video Output
IOGEAR's DisplayPort to DVI video adapter supports the DisplayPort 1.1a standard, allowing the ability to pass high resolution video
signals of up to 1920 x 1200 to the connected DVI display or projector allowing the content being shown to maintain its visual fidelity.
Support for legacy displays
IOGEAR’s DisplayPort to DVI adapter is the perfect solution for updated PCs with a DisplayPort video output to connect to legacy
displays or projectors that only support DVI video connections.
Converts your DisplayPort to DVI so you can connect to your DVI
projector, TV or monitor.
Works with computer systems using DisplayPort
Compliant with DisplayPort Specification 1.1a for both 1.62 Gbps and
2.7 Gbps
Support full DisplayPort link tracking
Supported resolutions:
Full HD 1080p
1920x1200
Compliant with DVI 1.0 up to 1.65Gbps
Supports interrupt request output for expansion function
Supports Deep Sleep Mode (suspend mode)


Similar Part No. - GDPDVIW6

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
More results

Similar Description - GDPDVIW6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000 TRIPPLITE-P134000 Datasheet
483Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P581006 TRIPPLITE-P581006 Datasheet
483Kb / 2P
DisplayPort to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 6-ft
P581010 TRIPPLITE-P581010 Datasheet
483Kb / 2P
Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M-M), 10-ft
P134-000 TRIPPLITE-P134-000 Datasheet
158Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P134-003 TRIPPLITE-P134-003 Datasheet
160Kb / 2P
DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F, 3-ft.
P581-010 TRIPPLITE-P581-010 Datasheet
167Kb / 2P
Displayport to DVI Cable, Displayport with Latches to DVI-D Single Link Adapter (M/M), 10-ft.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
logo
IOGEAR
GMDPDVIW6 IOGEAR-GMDPDVIW6 Datasheet
131Kb / 2P
Mini DisplayPort to DVI Adapter Cable
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com