Electronic Components Datasheet Search
  English  ▼

X  

LN172 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LN172
Description  GaAlAs Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN172 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LN172 Datasheet HTML 1Page - Panasonic Semiconductor LN172 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Infrared Light Emitting Diodes
LN172
IFP — Duty cycle
10 2
10
1
10 –1
Duty cycle (%)
110
10 2
10 –2
10 –1
tw = 10µs
Ta = 25˚C
IF — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IFP — VF
10
1
10 –1
Forward voltage
V
F (V)
10 –2
0
tw = 10µs
f = 100Hz
Ta = 25˚C
135
24
∆P
O — IF
10 3
10 2
10
1
10 –1
Forward current
I
F (A)
10 –2
110
10 –1
10 –2
10 –3
(1) tw = 10µs
f = 100Hz
(2) DC
Ta = 25˚C
VF — Ta
1.6
1.2
0.8
0.4
0
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
∆P
O — Ta
10
1
Ambient temperature
Ta (˚C )
IF = 100mA
– 40
0
40
80
10 –1
Directivity characteristics
0˚
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
100˚
110˚
120˚
Spectral characteristics
100
80
60
40
20
Wavelength
λ (nm)
820
860
900
940
980
1020
0
780
IF = 100mA
Ta = 25˚C
λ
P — Ta
960
940
920
900
880
860
Ambient temperature
Ta (˚C )
IF = 100mA
– 40
0
40
80
120
20
100
80
60
40
IF = 100mA
10mA
1mA
(1)
(2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com