Electronic Components Datasheet Search
  English  ▼

X  

KBPC4001 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KBPC4001
Description  CURRENT 40.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC4001 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KBPC4001 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC4001 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC40005/W THRU KBPC4010/W
Features
Mechanical Data
· Diffused Junction
· Low Reverse Leakage Current
· Low Power Loss, High Efficiency
· Surge Overload Rating to 400A Peak
· Electrically Isolated Metal Case for Maximum
Heat Dissipation
· High Case Dielectric Strength of 1500VRMS
Maximum Ratings And Electrical Characteristics
· Case : High Conductivity Metal
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : Symbols Marked on Case
· Mounting : Through Hole for #10 Screw
· Mounting Torque : 8.0 Inch-pounds Maximum
· Weight : KBPC
31.6 grams (approx.)
KBPC-W
28.5 grams (approx.)
· Mounting Position : Any
· Marking : Type Number
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 40.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Thermal resistance junction to case mounted on heat sink.
(2) Measured at non-repetitive, for t > 1.0ms and < 8.3ms.
(3) Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified Output Current
@ TC=55℃
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward voltage (per element)
@ IF=20 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.2
VFM
VR(RMS)
40
Amps
500
IFSM
Tj
TSTG
1.0
-50 to +150
℃
Amps
Peak Reverse Current at Rated
DC Blocking voltage
I2t Rating for Fusing (t<8.3ms) (Note 2)
Typical Junction Capacitance (Note 3)
Operating and Storage Temperature Range
KBPC40
005/W
KBPC40
01/W
KBPC40
02/W
KBPC40
04/W
KBPC40
06/W
KBPC40
08/W
KBPC40
10/W
35
10
800
300
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
mA
A2S
℃/W
pF
Io
IR
Cj
I2t
RθJA
@ TC=25℃
@ TC=125℃
Typical Thermal Resistance Junction to Case
1.5
K B P C -W
C
A
G
E
B
H
(AC)
(AC)
(+)
( - )
H
J
A
C
K
A
M
N
H
H
L
P
A
P
(AC)
(AC)
( - )
( + )
K B P C
K B P C / K B P C -W
Dim
Min
Max
A
28.40
28.70
B
10.97
11.23
C
15.50
17.60
22.86
25.40
13.30
15.30
"W" S uffix Designates Wire Leads
No S uffix Designates F ast-on T erminals
E
G
Hole for #10 screw
H
4.85 O
/
5.59 O
/
A ll Dimens ions in mm
Dim
Min
Max
17.10
19.10
10.40
12.40
0.97 O
/
1.07 O
/
30.50
10.97
11.23
17.10
19.10
K
J
L
M
N
P


Similar Part No. - KBPC4001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC4001 WTE-KBPC4001 Datasheet
51Kb / 4P
40, 50A HIGH CURRENT BRIDGE RECTIFIER
KBPC4001 WTE-KBPC4001 Datasheet
54Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
First Components Intern...
KBPC4001 FCI-KBPC4001 Datasheet
316Kb / 3P
40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
logo
Won-Top Electronics
KBPC4001 WTE-KBPC4001 Datasheet
54Kb / 4P
40A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
KBPC4001G WTE-KBPC4001G Datasheet
53Kb / 4P
40, 50A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBPC4001

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com