Electronic Components Datasheet Search
  English  ▼

X  

CONN002-W Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN002-W
Description  N Jack Sealed Panel Mount Solder Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN002-W Datasheet(HTML) 1 Page - Linx Technologies

  CONN002-W Datasheet HTML 1Page - Linx Technologies CONN002-W Datasheet HTML 2Page - Linx Technologies CONN002-W Datasheet HTML 3Page - Linx Technologies CONN002-W Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
CONN002-W
N Jack Sealed Panel Mount Solder Connector
Table 1. Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 11 GHz
Voltage Rating
1500 V RMS
Contact Resistance
Center:
≤ 1.0 mΩ Outer: ≤ 1.0 mΩ
Selected Frequencies
2.4 GHz
6 GHz
Insertion Loss (dB max)
0.11
0.29
VSWR (max)
1.1
1.7
Ordering Information
Part Number
Description
CONN002-W
N jack (female socket) sealed panel mount connector
Available from Linx Technologies and select distributors and representatives.
The CONN002-W is an N jack panel mount
connector that provides a seal when mounted to
an enclosure using the provided silicone gasket.
Operating from 0 GHz to 11 GHz, the CONN002-W
provides superior performance by utilizing white
bronze plating to reduce distortion caused by
passive intermodulation (PIM). Additionally, all
Linx connectors meet RoHS lead free standards
and are tested to meet requirements for corrosion
resistance, vibration, mechanical and thermal shock.
Features
• 0 to 11 GHz operation
• White Bronze plating
― Low Passive Intermodulation (PIM)
― Superior corrosion resistance
• N jack (female socket) connection
― Gold plated phosphor bronze center contact
• Silicone gasket provided
• Interface
― Solder pin


Similar Part No. - CONN002-W

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN001-W LINX-CONN001-W Datasheet
742Kb / 6P
N Bulkhead Jack PCB Through Hole Connector
2020
CONN003-W LINX-CONN003-W Datasheet
493Kb / 4P
N Jack Panel Mount Connector
2020
logo
List of Unclassifed Man...
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
logo
List of Unclassifed Man...
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONN002-W

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
01201-21-9 WINCHESTER-01201-21-9 Datasheet
56Kb / 1P
JACK, PANEL, N
KN-19-142M07 WINCHESTER-KN-19-142M07 Datasheet
70Kb / 1P
N PANEL JACK
KN-19-195M06 WINCHESTER-KN-19-195M06 Datasheet
42Kb / 1P
N PANEL JACK
logo
Rosenberger Hochfrequen...
51K404-200N5 ROSENBERGER-51K404-200N5 Datasheet
69Kb / 2P
PANEL JACK SOLDER END
32K701-200E3 ROSENBERGER-32K701-200E3 Datasheet
225Kb / 2P
PANEL JACK SOLDER END
32K421-200E3 ROSENBERGER-32K421-200E3 Datasheet
225Kb / 2P
PANEL JACK SOLDER END
logo
Pasternack Enterprises,...
PE4500 PASTERNACK-PE4500_16 Datasheet
319Kb / 3P
SHV Jack Bulkhead Mount Hermetically Sealed Connector Solder Attachment
logo
Neutrik AG
NBB75SI NEUTRIK-NBB75SI Datasheet
63Kb / 3P
Isolated BNC cable jack for panel mount, solder version
logo
Linx Technologies
CONN003-W LINX-CONN003-W Datasheet
493Kb / 4P
N Jack Panel Mount Connector
2020
CONN008-W LINX-CONN008-W Datasheet
467Kb / 4P
N Panel Mount Jack Coaxial Connector
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com