Electronic Components Datasheet Search
  English  ▼

X  

CONN003-W Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN003-W
Description  N Jack Panel Mount Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN003-W Datasheet(HTML) 1 Page - Linx Technologies

  CONN003-W Datasheet HTML 1Page - Linx Technologies CONN003-W Datasheet HTML 2Page - Linx Technologies CONN003-W Datasheet HTML 3Page - Linx Technologies CONN003-W Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
CONN003-W
N Jack Panel Mount Connector
Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 11 GHz
Voltage Rating
2500 V RMS
Contact Resistance
Center:
≤ 1.0 mΩ Outer: ≤ 1.0 mΩ
Selected Frequencies
2.4 GHz
6 GHz
Insertion Loss (dB max)
-0.09
-0.15
VSWR (max)
1.1
1.4
Ordering Information
Part Number
Description
CONN003-W
N jack (female socket) panel mount connector
Available from Linx Technologies and select distributors and representatives.
The CONN003-W is an N jack panel mount
connector. Operating from 0 GHz to 11 GHz, the
CONN003-W provides superior performance by
utilizing white bronze plating to reduce distortion
caused by passive intermodulation (PIM).
Additionally, all Linx connectors meet RoHS lead
free standards and are tested to meet requirements
for corrosion resistance, vibration, mechanical and
thermal shock.
Features
• 0 to 11 GHz operation
• White Bronze plating
― Low Passive Intermodulation (PIM)
― Superior corrosion resistance
• N jack (female socket) connection
― Gold plated phosphor bronze center contact
• Interface
― Solder cup


Similar Part No. - CONN003-W

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN001-W LINX-CONN001-W Datasheet
742Kb / 6P
N Bulkhead Jack PCB Through Hole Connector
2020
CONN002-W LINX-CONN002-W Datasheet
499Kb / 4P
N Jack Sealed Panel Mount Solder Connector
2021
logo
List of Unclassifed Man...
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
logo
List of Unclassifed Man...
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONN003-W

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD1201-21-9 WINCHESTER-SD1201-21-9 Datasheet
56Kb / 1P
JACK, PANEL, N
SD1201-23-9 WINCHESTER-SD1201-23-9 Datasheet
61Kb / 1P
JACK, PANEL, N
01201-11-9 WINCHESTER-01201-11-9 Datasheet
91Kb / 1P
JACK, PANEL, N
01201-21-9 WINCHESTER-01201-21-9 Datasheet
56Kb / 1P
JACK, PANEL, N
01201-23-9 WINCHESTER-01201-23-9 Datasheet
61Kb / 1P
JACK, PANEL, N
01201-25-9 WINCHESTER-01201-25-9 Datasheet
70Kb / 1P
JACK, PANEL, N
KN-19-142M07 WINCHESTER-KN-19-142M07 Datasheet
70Kb / 1P
N PANEL JACK
KN-19-195M06 WINCHESTER-KN-19-195M06 Datasheet
42Kb / 1P
N PANEL JACK
logo
Linx Technologies
CONN002-W LINX-CONN002-W Datasheet
499Kb / 4P
N Jack Sealed Panel Mount Solder Connector
2021
CONN008-W LINX-CONN008-W Datasheet
467Kb / 4P
N Panel Mount Jack Coaxial Connector
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com