Electronic Components Datasheet Search
  English  ▼

X  

CONN011 Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN011
Description  N FEMALE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN011 Datasheet(HTML) 1 Page - Linx Technologies

  CONN011 Datasheet HTML 1Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
SHEET 1 OF 1
LDCFDLT_A
SCALE: 2:1
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
REVISIONS
REV
DESCRIPTION
DATE
APPV
B
SAH
B
12-JUL-12
B.MURPHY
S.HOGAN
12-JUL-12
Added New Title Block
12-JUL-12
CONN011
N FEMALE CABLE END CRIMP
FOR RG174 CABLE
Description
Material
Finish
Body
Socket
Insulation
Nickel
N/A
Gold
PTFE
Crimp Ring
Nickel
Brass
Brass
Brass
0.371
(9.50)
Ø0.154
(3.90)
CRIMP RING
0.276
(7.00)
0.098
(2.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.315
(8.00)
RG-174 Cable
5/8-24UNEF-2A THREADS
SIDE VIEW
0.276
(7.00)
1.094
(27.80)
0.102
(2.60)
0.630
(16.00)
1.421
(36.10)
FLAT 0.512 x2
(13.00)
0.315
(8.00)
H0.504
(12.80)
1. Insert the cable center conductor and insulation into the base
2. Solder the socket to the center conductor.
3. Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool.
4. Put the socket through the insulator.
5. Screw the base into the top.
CONN011 ASSEMBLY INSTRUCTIONS
TOP
INSULATOR
SOCKET
BASE
CABLE
Solder


Similar Part No. - CONN011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONN011-R58 ETC2-CONN011-R58 Datasheet
153Kb / 1P
N FEMALE CABLE END CRIMP N FEMALE CABLE END CRIMP
logo
Linx Technologies
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results

Similar Description - CONN011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX011 ETC2-CONMCX011 Datasheet
153Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX011 ETC2-CONMMCX011 Datasheet
156Kb / 1P
MMCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX011 ETC2-CONREVMCX011 Datasheet
150Kb / 1P
RP-MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONSMA011 ETC2-CONSMA011 Datasheet
152Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com