Electronic Components Datasheet Search
  English  ▼

X  

CONN013-W Datasheet(PDF) 1 Page - Linx Technologies

Part # CONN013-W
Description  N Bulkhead Jack PCB Surface Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN013-W Datasheet(HTML) 1 Page - Linx Technologies

  CONN013-W Datasheet HTML 1Page - Linx Technologies CONN013-W Datasheet HTML 2Page - Linx Technologies CONN013-W Datasheet HTML 3Page - Linx Technologies CONN013-W Datasheet HTML 4Page - Linx Technologies CONN013-W Datasheet HTML 5Page - Linx Technologies CONN013-W Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
CONN013-W
N Bulkhead Jack PCB Surface Mount Connector
Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 11 GHz
Voltage Rating
2500 V RMS
Contact Resistance
Center:
≤ 1.0 mΩ Outer: ≤ 1.0 mΩ
Selected Frequencies
2.4 GHz
6 GHz
Insertion Loss (dB max)
-0.11
-0.19
VSWR (max)
1.1
1.4
Ordering Information
Part Number
Description
CONN013-W
N bulkhead jack (female socket) right angle PCB through hole connector
Available from Linx Technologies and select distributors and representatives.
The CONN013-W is an N bulkhead jack right angle
PCB through hole connector designed for reflow-
solder mounting directly to a printed circuit board.
Operating from 0 GHz to 11 GHz, the CONN013-W
provides superior performance by utilizing white
bronze plating to reduce distortion caused by
passive intermodulation (PIM). Additionally, all Linx
connectors meet RoHS lead free standards and are
tested to meet requirements for corrosion resistance,
vibration, mechanical and thermal shock.
Features
• 0 to 11 GHz operation
• White Bronze plating
― Low Passive Intermodulation (PIM)
― Superior corrosion resistance
• N jack (female socket) connection
― Gold plated beryllium copper center contact
• Brass hex nut and washer provided
• Direct PCB attachment
• Reflow- or hand-solder assembly


Similar Part No. - CONN013-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
logo
List of Unclassifed Man...
CONN011-R58 ETC2-CONN011-R58 Datasheet
153Kb / 1P
N FEMALE CABLE END CRIMP N FEMALE CABLE END CRIMP
logo
Linx Technologies
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
logo
List of Unclassifed Man...
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
More results

Similar Description - CONN013-W

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
A-1JB AMPHENOL-A-1JB Datasheet
91Kb / 1P
AMC PCB JACK SURFACE MOUNT
logo
Winchester Electronics ...
SD1202-25-5 WINCHESTER-SD1202-25-5 Datasheet
58Kb / 1P
JACK, BULKHEAD, N
SDKN-19-151 WINCHESTER-SDKN-19-151 Datasheet
59Kb / 1P
JACK, BULKHEAD, N
1202-23-9 WINCHESTER-1202-23-9 Datasheet
61Kb / 1P
JACK, BULKHEAD, N
1202-25-5 WINCHESTER-1202-25-5 Datasheet
239Kb / 1P
JACK, BULKHEAD, N
KN-19-42 WINCHESTER-KN-19-42 Datasheet
58Kb / 1P
JACK, BULKHEAD,N
logo
Linx Technologies
CONN001-W LINX-CONN001-W Datasheet
742Kb / 6P
N Bulkhead Jack PCB Through Hole Connector
2020
CONMHF4-SMD-G-T LINX-CONMHF4-SMD-G-T Datasheet
651Kb / 6P
MHF4 Jack PCB Surface-Mount Connector
2021
CONMHF1-SMD-P-T LINX-CONMHF1-SMD-P-T Datasheet
654Kb / 6P
U.FL-Type Jack PCB Surface-Mount Connector
2021
CONSMB001-SMD-G LINX-CONSMB001-SMD-G Datasheet
1Mb / 6P
SMB Jack PCB Surface-Mount Connector
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com