Electronic Components Datasheet Search
  English  ▼

X  

CONSMB001-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMB001-G
Description  SMB Jack PCB Through Hole Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB001-G Datasheet(HTML) 2 Page - Linx Technologies

  CONSMB001-G Datasheet HTML 1Page - Linx Technologies CONSMB001-G Datasheet HTML 2Page - Linx Technologies CONSMB001-G Datasheet HTML 3Page - Linx Technologies CONSMB001-G Datasheet HTML 4Page - Linx Technologies CONSMB001-G Datasheet HTML 5Page - Linx Technologies CONSMB001-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONSMB001-G
Product Dimensions
SOCAA CORP.,LTD.
DWG NO:CONSMB001
5.08 mm
(0.20 in)
2.64 mm
(0.10 in)
4x □0.91 mm
(0.04 in)
2.64 mm
(0.10 in)
5.08 mm
(0.20 in)
□6.0 mm
(0.24 in)
7.5 mm
(0.30 in)
0.6 mm
(0.02 in)
3.9 mm
(0.15 in)
Ø0.96 mm
(0.04 in)
5.08 mm
(0.20 in)
4x Ø1.7 mm
(0.07 in)
Ø1.16 mm
(0.05 in)
5.08 mm
(0.20 in)
Figure 1. Product Dimensions for the CONSMB001-G Connector
Table 2. Connector Components
Model
CONSMB001-G
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact (male pin)
Brass
Gold
Insulator
PTFE
–
Recommended PCB Footprint
Figure 2 shows the connectors recommended PCB footprint and through hole sizes.
SOCAA CORP.,LTD.
DWG NO:CONSMB001
5.08 mm
(0.20 in)
2.64 mm
(0.10 in)
4x □0.91 mm
(0.04 in)
2.64 mm
(0.10 in)
5.08 mm
(0.20 in)
□6.0 mm
(0.24 in)
7.5 mm
(0.30 in)
0.6 mm
(0.02 in)
3.9 mm
(0.15 in)
Ø0.96 mm
(0.04 in)
5.08 mm
(0.20 in)
4x Ø1.7 mm
(0.07 in)
Ø1.16 mm
(0.05 in)
5.08 mm
(0.20 in)
Figure 2. Recommended PCB Dimensions for the CONSMB001-G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com